Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT6780 Datasheet(PDF) 12 Page - ADTech

Part # ADT6780
Description  Thermally enhanced Low VFB Step-Down LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT6780 Datasheet(HTML) 12 Page - ADTech

Back Button ADT6780 Datasheet HTML 5Page - ADTech ADT6780 Datasheet HTML 6Page - ADTech ADT6780 Datasheet HTML 7Page - ADTech ADT6780 Datasheet HTML 8Page - ADTech ADT6780 Datasheet HTML 9Page - ADTech ADT6780 Datasheet HTML 10Page - ADTech ADT6780 Datasheet HTML 11Page - ADTech ADT6780 Datasheet HTML 12Page - ADTech ADT6780 Datasheet HTML 13Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Jul. 12. 2012 / Preliminary
12/13
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT6780
Thermally enhanced Low V
FB Step-Down LED Driver
APPLICATION INFORMATION (continued)
Thermal Management
The ADT6780 contains an internal thermal sensor that limits the total power dissipation in the device and
protects it in the event of an extended thermal fault condition. When the die temperature exceeds +145°C
typically, the thermal sensor shuts down the device, turning off the DC-DC converter to allow the die to
cool. After the die temperature falls by 10°C typically, the device automatically restarts, using the soft-start
sequence.
The ADT6780 is available in a thermally enhanced SOP package and can dissipate up to 1.25W at Ta=50°C
(T
J=125°C). The exposed pad should be connected to GND externally, preferably soldered to a large ground
plane to maximize thermal performance. Maximum available power dissipation should be de-rated by
17mW/℃ above Ta=25℃ not to damage the device.
PCB Layout Consideration
PCB layout is very important to achieve clean and stable operation. It is highly recommended to follow
below guidelines for good PCB layout.
1. Input capacitor (C1) should be placed as near as possible to the IC and connected with direct traces.
2. Keep the high current paths as short and wide as possible.
3. Keep the switching current path short and minimize the loop area, formed by SW, the output capacitors
and the input capacitors.
4. Route high-speed switching nodes (such as SW and BST) away from sensitive analog areas (such as FB
and COMP).
5. Ensure all feedback connections are short and direct. Place the current sense resistor and compensation
components as close as possible to the IC.
6. Exposed pad of device must be connected to GND with solder. For single layer, do not solder exposed
pad of the IC.


Similar Part No. - ADT6780

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT6780_CN ADTECH-ADT6780_CN Datasheet
683Kb / 13P
   Thermally enhanced Low VFB Step-Down LED Driver
More results

Similar Description - ADT6780

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT6780_CN ADTECH-ADT6780_CN Datasheet
683Kb / 13P
   Thermally enhanced Low VFB Step-Down LED Driver
logo
Luminus, Inc
CBT-90TE LUMINUS-CBT-90TE Datasheet
1Mb / 15P
   Thermally Enhanced LED Chipset
PT-54-TE LUMINUS-PT-54-TE Datasheet
2Mb / 15P
   Thermally Enhanced LED Projection Chipset
PT-40-TE LUMINUS-PT-40-TE Datasheet
2Mb / 14P
   Thermally Enhanced LED Projection Chipset
logo
Unisonic Technologies
UD05123 UTC-UD05123 Datasheet
193Kb / 4P
   2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
logo
Linear Technology
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
   60V Step-Down LED Driver
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
   Step-Down 1A LED Driver
LT3596 LINER-LT3596 Datasheet
435Kb / 20P
   60V Step-Down LED Driver
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com