Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROV14H241L-S-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # ROV14H241L-S-2
Description  14mm Series Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV14H241L-S-2 Datasheet(HTML) 3 Page - Tyco Electronics

  ROV14H241L-S-2 Datasheet HTML 1Page - Tyco Electronics ROV14H241L-S-2 Datasheet HTML 2Page - Tyco Electronics ROV14H241L-S-2 Datasheet HTML 3Page - Tyco Electronics ROV14H241L-S-2 Datasheet HTML 4Page - Tyco Electronics ROV14H241L-S-2 Datasheet HTML 5Page - Tyco Electronics ROV14H241L-S-2 Datasheet HTML 6Page - Tyco Electronics ROV14H241L-S-2 Datasheet HTML 7Page - Tyco Electronics ROV14H241L-S-2 Datasheet HTML 8Page - Tyco Electronics ROV14H241L-S-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ROV14, ROV14H, ROV14E
14mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25483
Status: Released
Rev.: A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
3 of 11
DEVICE RATINGS AND CHARACTERISTICS
STANDARD SERIES
Varistor Voltage
V@1.0mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
V@50A
Maximum
Surge Current
(8x20us)
Rated
Wattage
Energy
(10x1000us)
Capacitance
(Typical)
Certifications
Part Number
(VDC)
Tolerance
Vrms
(VAC)
(VDC)
(VDC)
1
Time
(A)
2
Times
(A)
(W)
(J)
@1kHz
(pF)
ROV14-180M
18
± 20%
11
14
36
1)
4.7
14898
ROV14-220L
22
± 15%
14
18
43
1)
5.4
11957
ROV14-270K
27
17
22
53
1)
6.9
9731
ROV14-330K
33
20
26
65
1)
8.8
7704
ROV14-390K
39
25
31
77
1)
9.4
7622
ROV14-470K
47
30
38
93
1)
12.0
6417
ROV14-560K
56
35
45
110
1)
14.0
5184
ROV14-680K
68
40
56
135
1)
1000
500
0.10
17.0
5099
ROV14-820K
82
50
65
135
22.0
2965
ROV14-101K
100
60
85
165
28.0
2221
ROV14-121K
120
75
100
200
32.0
1742
ROV14-151K
150
95
125
250
44.0
1510
ROV14-181K
180
115
150
300
52.0
922
ROV14-201K
200
130
170
340
57.0
845
♦ ●
ROV14-221K
220
140
180
360
62.0
713
♦ ●
ROV14-241K
240
150
200
395
67.0
769
♦ ●
ROV14-271K
270
175
225
455
79.0
655
♦ ●
ROV14-301K
300
195
250
505
84.0
650
♦ ●
ROV14-331K
330
210
275
550
92.0
613
♦ ●
ROV14-361K
360
230
300
595
104.0
465
♦ ●
ROV14-391K
390
250
320
650
120.0
458
♦ ●
ROV14-431K
430
275
350
710
132.0
454
♦ ●
ROV14-471K
470
300
385
775
140.0
413
♦ ●
ROV14-511K
510
320
418
842
148.0
374
♦ ●
ROV14-561K
560
350
460
920
156.0
398
♦ ●
ROV14-621K
620
385
505
1025
164.0
305
♦ ●
ROV14-681K
680
420
560
1120
172.0
312
♦ ●
ROV14-751K
750
460
615
1240
180.0
270
♦ ●
ROV14-781K
780
485
640
1290
184.0
252
♦ ●
ROV14-821K
820
510
670
1355
188.0
265
♦ ●
ROV14-911K
910
550
745
1500
204.0
240
♦ ●
ROV14-102K
1000
625
825
1650
224.0
200
♦ ●
ROV14-112K
1100
680
895
1815
248.0
180
♦ ●
ROV14-182K
1800
± 10%
1000
1465
2970
4500
2500
0.60
348.0
118
1). The clamping voltage for devices ROV14-180M to ROV14-680K is tested with 10A current.


Similar Part No. - ROV14H241L-S-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV14H241K MACOM-ROV14H241K Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV14H241K-S-2 MACOM-ROV14H241K-S-2 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
More results

Similar Description - ROV14H241L-S-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV14 MACOM-ROV14 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV14H561K MACOM-ROV14H561K Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com