Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST-48-07 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SST-48-07
Description  RAYCHEM Tubing Products
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SST-48-07 Datasheet(HTML) 1 Page - Tyco Electronics

  SST-48-07 Datasheet HTML 1Page - Tyco Electronics SST-48-07 Datasheet HTML 2Page - Tyco Electronics SST-48-07 Datasheet HTML 3Page - Tyco Electronics SST-48-07 Datasheet HTML 4Page - Tyco Electronics SST-48-07 Datasheet HTML 5Page - Tyco Electronics SST-48-07 Datasheet HTML 6Page - Tyco Electronics SST-48-07 Datasheet HTML 7Page - Tyco Electronics SST-48-07 Datasheet HTML 8Page - Tyco Electronics SST-48-07 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1-109
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
1
SCL
Semirigid,
Encapsulant-Lined,
Polyolefin Tubing
Product Facts
I
3:1 shrink ratio
I
Splash-resistant, moisture-
resistant covering; not
intended for use where
immersion in fluids is
required
I
Rugged protection against
abrasion, vibration, and
flexing
I
Excellent strain relief and
insulation of weak points
I
RoHS compliant
Installation
Minimum shrink
temperature: 125°C [257°F]
Minimum full recovery
temperature: 135°C [275°F]
Operating Temperature Range
-55°C to 110°C
[-67°F to 230°F]
Specifications/Approvals
Applications
Encapsulates components,
splices, and terminations
where moisture resistance
and mechanical protection
are required. Encapsulant
melts and flows to fill
surface irregularities of the
substrate. While still hot,
the tubing can be blocked
to form a wire breakout.
Available in:
Americas
Europe
Asia Pacific
II
I
Series
UL
Military
Raychem
SCL
E85381
AMS-DTL-23053/4*, Class 1
RT-1301
600 V, 125°C
*Formerly MIL-I-23053/4 and MIL-DTL-23053/4.


Similar Part No. - SST-48-07

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SST-40-W LUMINUS-SST-40-W Datasheet
2Mb / 18P
   Specialty White LED
SST-40-WCS-F50-N3651 LUMINUS-SST-40-WCS-F50-N3651 Datasheet
2Mb / 18P
   Specialty White LED
SST-40-WCS-F50-N3652 LUMINUS-SST-40-WCS-F50-N3652 Datasheet
2Mb / 18P
   Specialty White LED
SST-40-WCS-F50-N3700 LUMINUS-SST-40-WCS-F50-N3700 Datasheet
2Mb / 18P
   Specialty White LED
SST-40-WCS-F50-N3751 LUMINUS-SST-40-WCS-F50-N3751 Datasheet
2Mb / 18P
   Specialty White LED
More results

Similar Description - SST-48-07

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TAT-125-1 MACOM-TAT-125-1 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
M/A-COM Technology Solu...
5038104002 MA-COM-5038104002 Datasheet
114Kb / 2P
   RAYCHEM Tubing Products
logo
Tyco Electronics
022611-000 MACOM-022611-000 Datasheet
652Kb / 24P
   RAYCHEM Tubing Products
D76139-000 MACOM-D76139-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Tyco Electronics
013206-000 MACOM-013206-000 Datasheet
58Kb / 2P
   RAYCHEM
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com