Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS-TMS-3.9-4 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SMS-TMS-3.9-4
Description  T107M Handheld Printer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMS-TMS-3.9-4 Datasheet(HTML) 2 Page - Tyco Electronics

  SMS-TMS-3.9-4 Datasheet HTML 1Page - Tyco Electronics SMS-TMS-3.9-4 Datasheet HTML 2Page - Tyco Electronics SMS-TMS-3.9-4 Datasheet HTML 3Page - Tyco Electronics SMS-TMS-3.9-4 Datasheet HTML 4Page - Tyco Electronics SMS-TMS-3.9-4 Datasheet HTML 5Page - Tyco Electronics SMS-TMS-3.9-4 Datasheet HTML 6Page - Tyco Electronics SMS-TMS-3.9-4 Datasheet HTML 7Page - Tyco Electronics SMS-TMS-3.9-4 Datasheet HTML 8Page - Tyco Electronics SMS-TMS-3.9-4 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
135
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
T107M Handheld Printer
Printers
The new T107M from Tyco Electronics is perfect for the
professional user who needs an affordable label printer for on-site
applications that's tough and easy to use. Contractors, panel
builders and facility managers will save time and money by using
the special Hot Keys that provide labels at the touch of a button
including wire and cable wraps,module marking, fixed length,
serialization, vertical printing, barcodes, symbols and much more.
The T107M offers clear, smudge-free high-performance labels that
stick permanently to a variety of surfaces and provides remarkable
MIL-spec print permanence on Heat Shrink Tubing. Print media is
offered in easy-to-load cassettes and includes an optimized ribbon
and choice of material: Heat-Shrink, Nylon Cloth, Vinyl, Polyester,
and Polypropylene labels.
Printer Specifications
Printing Method
Thermal Transfer Printhead (180 dpi)
Dimensions
70 mm L x 114mm W x 212mm H
Printer Weight
519g
Keyboard
ABC layout
To access international characters: Rapid
Accented Character Entry, according to the
mobile phone principle.
LCD Display
2 lines
Rechargeable battery pack life indicator
Display backlighting
Operating conditions
Temperature: 4°C to 40°C (39°F to 104°F)
Humidity: 10% to 90% RH
Storage conditions
Temperature : 0°C to 90°C (32°F to 194°F)
Humidity: 10% to 90% RH
Product Order Code
Description
T107M-SMS-PRINTER-KIT-US
Printer Kit - US power adaptor included
T107M-SMS-PRINTER-KIT-UK
Printer Kit - UK power adaptor included
T107M-SMS-PRINTER-KIT-EU
Printer Kit - European power adaptor included
T107M-SMS-PRINTER-KIT-AUZ
Printer Kit - Australia power adaptor included
T107M-SMS-PRINTER-KITASI
Printer Kit - Asia power adaptor included
T107M-SMS-PRINTER-US
Printer Only (US)
T107M-SMS-PRINTER-EU
Printer Only (European)
SMS-US-A/C-ADAPTOR
US A/C power adaptor
SMS-EU-A/C-ADAPTOR
European A/C power adaptor
SMS-ASIA-A/C-ADAPTER
UK & Asia A/C power adaptor
SMS-AUZ-A/C-ADAPTOR
Australian A/C power adaptor
SMS-BATTERY-PACK
Rechargeable battery pack
SMS-CARRY STRAP
Soft carry strap
SMS-PRINTER-HARDCASE
Hard case
Printer Kit Contents
Printer
Rubber protection bumper
User guide
Six (6) AA batteries
Power adaptor
Hard carry case
One (1) 19mm white flexible nylon tape printer cassette
One (1) 9mm yellow heat-shrinkable tubing printer cassette
See page 136 for available printer cassettes and ordering information.


Similar Part No. - SMS-TMS-3.9-4

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SMS-001-GT ADAM-TECH-SMS-001-GT Datasheet
57Kb / 1P
   PIN RECEPTACLES
logo
Projects Unlimited, Inc...
SMS-1308MS-2-R PUI-SMS-1308MS-2-R Datasheet
215Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
PUI audio inc.
SMS-1308MS-2-R PUIAUDIO-SMS-1308MS-2-R Datasheet
335Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
SMS-1308MS-R PUI-SMS-1308MS-R Datasheet
76Kb / 1P
   SPEAKER
SMS-1508-2-R PUI-SMS-1508-2-R Datasheet
186Kb / 1P
   Surface Mount Speaker
More results

Similar Description - SMS-TMS-3.9-4

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
   Laser Printer
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
   Date Printer
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
logo
Pepperl+Fuchs Inc.
IC-HH51 PF-IC-HH51 Datasheet
901Kb / 2P
   Handheld
2022-05-19
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
   Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
   Printer Driver?
logo
Toshiba Semiconductor
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com