Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ROV14-241K-S-2 Datasheet(PDF) 8 Page - Tyco Electronics

Part No. ROV14-241K-S-2
Description  14mm Series Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV14-241K-S-2 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button ROV14-241K-S-2 Datasheet HTML 3Page - Tyco Electronics ROV14-241K-S-2 Datasheet HTML 4Page - Tyco Electronics ROV14-241K-S-2 Datasheet HTML 5Page - Tyco Electronics ROV14-241K-S-2 Datasheet HTML 6Page - Tyco Electronics ROV14-241K-S-2 Datasheet HTML 7Page - Tyco Electronics ROV14-241K-S-2 Datasheet HTML 8Page - Tyco Electronics ROV14-241K-S-2 Datasheet HTML 9Page - Tyco Electronics ROV14-241K-S-2 Datasheet HTML 10Page - Tyco Electronics ROV14-241K-S-2 Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ROV14, ROV14H, ROV14E
14mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25483
Status: Released
Rev.: A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
8 of 11
DIMENSIONS
A max.
E
C max.
B
D
15 max.
A max.
E
C max.
F
B1
D
1
l
l
KINKED LEAD TYPE
STRAIGHT LEAD TYPE (-S)
Dimension Table
Table of C max., F, and B1 max.
A max.
16.5
l ± 0.05
0.8
E ± 1.0
7.5
B max.
22.0
D1 min.
25.0
D min.
24.0
Type No.
C max.
F±0.8
B1 max.
180M
5.0
0.9
19.5
220L
5.0
1.0
19.5
270K
5.2
1.1
19.5
330K
5.2
1.2
19.5
390K
5.2
1.4
19.5
470K
5.6
1.4
19.5
560K
5.6
1.6
19.5
680K
6.1
1.9
19.5
820K
4.4
1.0
19.5
101K
4.5
1.0
19.5
121K
4.6
1.1
19.5
151K
5.1
1.4
19.5
181K
4.7
1.2
19.5
201K
4.8
1.2
19.5
221K
4.9
1.3
19.5
241K
5.0
1.5
19.5
271K
5.2
1.5
19.5
301K
5.4
1.7
19.5
331K
5.5
1.7
19.5
361K
5.7
2.1
19.5
391K
5.9
2.2
20.0
431K
6.7
2.5
20.0
471K
7.0
2.7
20.0
511K
7.2
3.1
20.5
561K
7.5
3.4
20.5
621K
7.8
3.8
20.5
681K
8.2
4.1
20.5
751K
8.6
4.3
20.5
781K
8.8
4.6
20.5
821K
9.0
4.6
20.5
911K
9.6
5.4
20.5
102K
10.1
5.6
20.5
112K
10.7
6.1
20.5
182K
12.8
10.2
22.5


Similar Part No. - ROV14-241K-S-2

ManufacturerPart No.DatasheetDescription
Tyco Electronics
Tyco Electronics
ROV14-102K-S-2 MACOM-ROV14-102K-S-2 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV14-180M MACOM-ROV14-180M Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV14-182K MACOM-ROV14-182K Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV14-330K-S MACOM-ROV14-330K-S Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV14-331K MACOM-ROV14-331K Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
More results

Similar Description - ROV14-241K-S-2

ManufacturerPart No.DatasheetDescription
Tyco Electronics
Tyco Electronics
ROV14 MACOM-ROV14 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV14H561K MACOM-ROV14H561K Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV07 MACOM-ROV07 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV20 MACOM-ROV20 Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
A1624 MACOM-A1624 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV20-511K MACOM-ROV20-511K Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
ROV07-471K-S MACOM-ROV07-471K-S Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
A1624 MACOM-A1624 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV05 MACOM-ROV05 Datasheet
364Kb / 10P
   5mm Series Metal Oxide Varistors
EPCOS
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz