Electronic Components Datasheet Search |
|
D0420SD-53-4001F Datasheet(PDF) 2 Page - Newhaven Display International, Inc. |
|
D0420SD-53-4001F Datasheet(HTML) 2 Page - Newhaven Display International, Inc. |
2 / 7 page Vacuum Fluorescent Display Specification PART NUMBER: D0420SD- 53-4001FN FEATURES: 4 Rows x 20 Digits, 5x7 Dot Matrix APPLICATION: Character Display ( Dot Matrix ) RATINGS: Below m m 0 . 5 2 1 . L . P h t g n e L l e n a P Outer Dimensions m m 5 . 3 5 . H . P t h g i e H l e n a P Panel Thickness P.T. 10.5 mm Leads m m 6 . 1 . P . L h c ti P d a e L L I D - t u O d a e L Character Size Character Height C.H. 5.0 mm Character Width C.W. 3.3 mm Item Symbol Min. Recommended Max. Unit Filament Voltage Ef 4.32 4.8 5.28 Vac Peak Grid Voltage ec - 52.0 57.0 Vp-p Peak Anode Voltage eb - 52.0 57.0 Vp-p - - - - - - Duty Cycle Du - 1/ 44 - - Pulse Width tp - 230 - uS Operating Temperature Topr -40 - + 85 C Storage Temperature Tstg -50 - + 95 C Color of Illumination Green -1- RoHS Complaint |
Similar Part No. - D0420SD-53-4001F |
|
Similar Description - D0420SD-53-4001F |