Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

610015-000 Datasheet(PDF) 5 Page - PANDUIT CORP.

Part # 610015-000
Description  CAP, SPLICE ENCAPSULATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

610015-000 Datasheet(HTML) 5 Page - PANDUIT CORP.

  610015-000 Datasheet HTML 1Page - PANDUIT CORP. 610015-000 Datasheet HTML 2Page - PANDUIT CORP. 610015-000 Datasheet HTML 3Page - PANDUIT CORP. 610015-000 Datasheet HTML 4Page - PANDUIT CORP. 610015-000 Datasheet HTML 5Page - PANDUIT CORP. 610015-000 Datasheet HTML 6Page - PANDUIT CORP. 610015-000 Datasheet HTML 7Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPECIFICATION CONTROL DRAWING
307 Constitution Drive Menlo Park, CA 94025, USA
Wire and
Harnessing
Products
TITLE :
CAP, SPLICE ENCAPSULATION
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-300-01/-03
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
Tyco Electronics reserves the right to amend
this drawing at any time. Users should
evaluate the suitability of the product for
their application.
DCR NUMBER:
D010043
REPLACES:
N/A
DRAWN BY:
M. FORONDA
DATE:
15-Feb.-01
PROD. REV.
SEE TABLE
DOC ISSUE:
1
SCALE:
None
SIZE:
A
SHEET:
5 of 7
If this document is printed it becomes uncontrolled. Check for the latest revision.
TABLE 1
REQUIREMENTS FOR MOLDED COMPONENT
(continued)
Property
Unit
Requirement
Method of Test
Hardness
Shoe D
50
±10
ASTM D 2240
Low Temperature Flexibility
4 hours @ -55
°C (-67°F)
No cracking
Section 4.3.2
Heat Shock
4 hours @ 225
°C (437°F)
No Dripping, flowing or
cracking
Section 4.3.3
Heat Aging
Section 4.3.4
Procedures A and B
Followed by test for:
Tensile Strength
Ultimate Elongation
psi
percent
1200 minimum
200 minimum
Section 4.3.1
(ASTM D 412)
Flammability
Non-burning
ASTM D 635
Fungus Resistance
Rating of 1 or less
ASTM D 876
Water Absorption
24 hours @ 25
°C (77°F)
percent
0.2 maximum
ASTM D 570
Procedure A
Solvent Resistance
24 hours @ 25
°C (77°F) in
JP-4 Fuel
Skydrol* 500
Hydraulic Fluid (MIL-H-5606)
Aviation Gasoline (100/130)
Water
Section 4.3.5
Followed by test for:
Tensile Strength
Ultimate Elongation
psi
percent
1200 minimum
200 minimum
Section 4.3.1
(ASTM D 412)


Similar Part No. - 610015-000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
61001011921 ONSEMI-61001011921 Datasheet
2Mb / 28P
   Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
March, 2021 ??Rev. 1
logo
Wurth Elektronik GmbH &...
61001011921 WURTH-61001011921 Datasheet
364Kb / 7P
   WR-PHD SMT Socket Header
001.002
61001013321 WURTH-61001013321 Datasheet
283Kb / 7P
   WR-PHD SMT Socket Header
002.001
61001018221 WURTH-61001018221 Datasheet
306Kb / 7P
   WR-PHD SMT Pin Header
001.003
61001018321 WURTH-61001018321 Datasheet
549Kb / 4P
   2.54MM SMT PIN HEADER TYPE 2
13-JUN-18 G
More results

Similar Description - 610015-000

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-300-08 PANDUIT-D-300-08 Datasheet
76Kb / 7P
   CAP, SPLICE ENCAPSULATION
logo
MolexKits
76650-0111 MOLEXKITS-76650-0111 Datasheet
38Kb / 2P
   SCPC Tap Splice Connector and Safety Cap
logo
Tyco Electronics
63130-2 MACOM-63130-2 Datasheet
56Kb / 1P
   SPLICE
logo
TE Connectivity Ltd
63625 TEC-63625 Datasheet
46Kb / 1P
   SPLICE
logo
MolexKits
76650-0049 MOLEXKITS-76650-0049 Datasheet
37Kb / 1P
   Self-Tapping Wire Splice, Tap-Splice, Pigtail Splice, Parallel Splice and In-Line Splice Connectors
logo
List of Unclassifed Man...
ATC900C ETC2-ATC900C Datasheet
182Kb / 6P
   Available with Encapsulation Option
SM2615FTR845 ETC2-SM2615FTR845 Datasheet
131Kb / 2P
   High temperature molded encapsulation
logo
Hitachi Semiconductor
DNA1002D HITACHI-DNA1002D Datasheet
50Kb / 1P
   HITACHI Encapsulation, DIP 16
logo
MPS Industries, Inc.
R7X1210M MPSIND-R7X1210M Datasheet
160Kb / 1P
   ENCAPSULATION MOLDED CHIP INDUCTOR
logo
Vishay Siliconix
WSRHP VISHAY-WSRHP Datasheet
103Kb / 4P
   Molded high temperature encapsulation
Revision: 21-Oct-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com