Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6929A Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCM6929A
Description  256K x 4 Bit Fast Static Random Access Memory
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6929A Datasheet(HTML) 4 Page - Motorola, Inc

  MCM6929A Datasheet HTML 1Page - Motorola, Inc MCM6929A Datasheet HTML 2Page - Motorola, Inc MCM6929A Datasheet HTML 3Page - Motorola, Inc MCM6929A Datasheet HTML 4Page - Motorola, Inc MCM6929A Datasheet HTML 5Page - Motorola, Inc MCM6929A Datasheet HTML 6Page - Motorola, Inc MCM6929A Datasheet HTML 7Page - Motorola, Inc MCM6929A Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MCM6929A
4
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V + 10%, – 5%, TA = 0 to +70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
2 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . .
Output Load
See Figure 1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
READ CYCLE TIMING (See Notes 1 and 2)
6929A–8
6929A–10
6929A–12
6929A–15
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Read Cycle Time
tAVAV
8
10
12
15
ns
3
Address Access Time
tAVQV
8
10
12
15
ns
Enable Access Time
tELQV
8
10
12
15
ns
Output Enable Access Time
tGLQV
4
5
6
7
ns
Output Hold from Address Change
tAXQX
3
3
3
3
ns
Enable Low to Output Active
tELQX
3
3
3
3
ns
4,5,6
Output Enable Low to Output Active
tGLQX
0
0
0
0
ns
4,5,6
Enable High to Output High–Z
tEHQZ
4
5
6
7
ns
4,5,6
Output Enable High to Output High–Z
tGHQZ
4
5
6
7
ns
4,5,6
NOTES:
1. W is high for read cycle.
2. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycles.
3. All read cycle timings are referenced from the last valid address to the first transitioning address.
4. At any given voltage and temperature, tEHQZ max < tELQX min, and tGHQZ max < tGLQX min, both for a given device and from
device to device.
5. Transition is measured 200 mV from steady–state voltage.
6. This parameter is sampled and not 100% tested.
7. Device is continuously selected (E = VIL, G = VIL).
8. Addresses valid prior to or coincident with E going low.
The table of timing values shows either a minimum
or a maximum limit for each parameter. Input require-
ments are specified from the external system point of
view. Thus, address setup time is shown as a mini-
mum since the system must supply at least that much
time. On the other hand, responses from the memory
are specified from the device point of view. Thus, the
access time is shown as a maximum since the device
never provides data later than that time.
TIMING LIMITS
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V
Figure 1. AC Test Load


Similar Part No. - MCM6929A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
More results

Similar Description - MCM6929A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6728B MOTOROLA-MCM6728B Datasheet
147Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6229BB MOTOROLA-MCM6229BB Datasheet
125Kb / 8P
   256K x 4 Bit Static Random Access Memory
MCM6229A MOTOROLA-MCM6229A Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6946 MOTOROLA-MCM6946 Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com