Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF-35A2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # RF-35A2
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

RF-35A2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  RF-35A2 Datasheet HTML 1Page - Freescale Semiconductor, Inc RF-35A2 Datasheet HTML 2Page - Freescale Semiconductor, Inc RF-35A2 Datasheet HTML 3Page - Freescale Semiconductor, Inc RF-35A2 Datasheet HTML 4Page - Freescale Semiconductor, Inc RF-35A2 Datasheet HTML 5Page - Freescale Semiconductor, Inc RF-35A2 Datasheet HTML 6Page - Freescale Semiconductor, Inc RF-35A2 Datasheet HTML 7Page - Freescale Semiconductor, Inc RF-35A2 Datasheet HTML 8Page - Freescale Semiconductor, Inc RF-35A2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MD7IC2251NR1 MD7IC2251GNR1
3
RF Device Data
Freescale Semiconductor, Inc.
Table 5. Electrical Characteristics (TA =25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Stage 2 -- Off Characteristics (1)
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
1
μAdc
Gate--Source Leakage Current
(VGS =1.5 Vdc, VDS =0 Vdc)
IGSS
1
μAdc
Stage 2 -- On Characteristics (1)
Gate Threshold Voltage
(VDS =10 Vdc, ID = 150 μAdc)
VGS(th)
1.2
2.0
2.7
Vdc
Gate Quiescent Voltage
(VDS =28 Vdc, IDQ2A = 260 mAdc)
VGSA(Q)
2.7
Vdc
Fixture Gate Quiescent Voltage
(VDD =28 Vdc, IDQ2A = 260 mAdc, Measured in Functional Test)
VGGA(Q)
5.5
6.3
7.5
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =1 Adc)
VDS(on)
0.1
0.24
1.2
Vdc
Functional Tests (2,3,4) (In Freescale Doherty Production Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ1(A+B) =80 mA, IDQ2A = 260 mA,
VGS2B =1.4 Vdc, Pout = 12 W Avg., f = 2140 MHz, Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 9.9 dB @ 0.01%
Probability on CCDF. ACPR measured in 3.84 MHz Channel Bandwidth @ ±5MHz Offset.
Power Gain
Gps
27.6
28.2
32.0
dB
Power Added Efficiency
PAE
33.5
36.9
%
Output Peak--to--Average Ratio @ 0.01% Probability on CCDF
PAR
6.2
6.6
dB
Adjacent Channel Power Ratio
ACPR
--34.2
--31.5
dBc
Typical Broadband Performance (In Freescale Doherty Characterization Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ1(A+B) =80 mA,
IDQ2A = 260 mA, VGS2B =1.4 Vdc, Pout = 12 W Avg., Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 9.9 dB @ 0.01%
Probability on CCDF. ACPR measured in 3.84 MHz Channel Bandwidth @ ±5MHz Offset.
Frequency
Gps
(dB)
PAE
(%)
Output PAR
(dB)
ACPR
(dBc)
2110 MHz
28.8
38.2
7.1
--34.6
2140 MHz
29.0
37.9
7.1
--36.2
2170 MHz
29.2
37.4
6.9
--36.1
1. Each side of device measured separately.
2. Part internally matched both on input and output.
3. Measurement made with device in a Symmetrical Doherty configuration.
4. Measurement made with device in straight lead configuration before any lead forming operation is applied.
(continued)


Similar Part No. - RF-35A2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RF-35A2 NXP-RF-35A2 Datasheet
784Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 5/2012
More results

Similar Description - RF-35A2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com