Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW12064701FKEA Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # CRCW12064701FKEA
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CRCW12064701FKEA Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button CRCW12064701FKEA Datasheet HTML 5Page - Freescale Semiconductor, Inc CRCW12064701FKEA Datasheet HTML 6Page - Freescale Semiconductor, Inc CRCW12064701FKEA Datasheet HTML 7Page - Freescale Semiconductor, Inc CRCW12064701FKEA Datasheet HTML 8Page - Freescale Semiconductor, Inc CRCW12064701FKEA Datasheet HTML 9Page - Freescale Semiconductor, Inc CRCW12064701FKEA Datasheet HTML 10Page - Freescale Semiconductor, Inc CRCW12064701FKEA Datasheet HTML 11Page - Freescale Semiconductor, Inc CRCW12064701FKEA Datasheet HTML 12Page - Freescale Semiconductor, Inc CRCW12064701FKEA Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
MD7IC21100NR1 MD7IC21100GNR1 MD7IC21100NBR1
9
RF Device Data
Freescale Semiconductor, Inc.
Zo =50 Ω
Zload
Zsource
f = 2220 MHz
f = 2060 MHz
f = 2220 MHz
f = 2060 MHz
VDD =28 Vdc,IDQ1A +IDQ1B = 190 mA, IDQ2A +IDQ2B = 925 mA, Pout =32 W Avg.
f
MHz
Zsource (1)
Zload
2060
40.60 -- j16.80
1.99 -- j2.90
2080
40.51 -- j16.95
1.90 -- j2.74
2100
40.42 -- j17.10
1.82 -- j2.58
2120
40.32 -- j17.26
1.75 -- j2.41
2140
40.21 -- j17.42
1.68 -- j2.24
2160
40.10 -- j17.58
1.62 -- j2.08
2180
39.97 -- j17.75
1.55 -- j1.92
2200
39.84 -- j17.91
1.48 -- j1.77
2220
39.70 -- j18.08
1.41 -- j1.60
(1) Both 50 Ω inputs in parallel as per the product test fixture.
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Figure 14. Series Equivalent Source and Load Impedance
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network


Similar Part No. - CRCW12064701FKEA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CRCW12064701FKEA NXP-CRCW12064701FKEA Datasheet
1Mb / 22P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 2, 2/2012
logo
Freescale Semiconductor...
CRCW12064701FKEA FREESCALE-CRCW12064701FKEA Datasheet
852Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
More results

Similar Description - CRCW12064701FKEA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com