Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATC600F0R9BT250XT Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # ATC600F0R9BT250XT
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

ATC600F0R9BT250XT Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  ATC600F0R9BT250XT Datasheet HTML 1Page - Freescale Semiconductor, Inc ATC600F0R9BT250XT Datasheet HTML 2Page - Freescale Semiconductor, Inc ATC600F0R9BT250XT Datasheet HTML 3Page - Freescale Semiconductor, Inc ATC600F0R9BT250XT Datasheet HTML 4Page - Freescale Semiconductor, Inc ATC600F0R9BT250XT Datasheet HTML 5Page - Freescale Semiconductor, Inc ATC600F0R9BT250XT Datasheet HTML 6Page - Freescale Semiconductor, Inc ATC600F0R9BT250XT Datasheet HTML 7Page - Freescale Semiconductor, Inc ATC600F0R9BT250XT Datasheet HTML 8Page - Freescale Semiconductor, Inc ATC600F0R9BT250XT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MD7IC2251NR1 MD7IC2251GNR1
5
RF Device Data
Freescale Semiconductor, Inc.
Figure 3. MD7IC2251NR1(GNR1) Production Test Circuit Component Layout
MD7IC2251N
Rev. 1
VGS1A
VGS2A
VDS1A
R1
VGS1B
VGS2B
VDS1B
VDS2B
VDS2A
R2
C1
C23
C7
C9
C13
C16
C22
C8 C10
C15
C19
C18
C20
C17
Z1
R5
R3
R4
C2
C5
C6
C14
C21
C12
C11
C3
C4
C
P
Table 6. MD7IC2251NR1(GNR1) Production Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2, C3, C4, C5, C6
10 μF Chip Capacitors
GRM55DR61H106KA88L
Murata
C7, C8
4.7 pF Chip Capacitors
ATC600F4R7BT250XT
ATC
C9, C10
5.6 pF Chip Capacitors
ATC600F5R6BT250XT
ATC
C11, C12
39 pF Chip Capacitors
ATC600F390JT250XT
ATC
C13, C14, C15, C16, C17, C18
4.7 μF Chip Capacitors
GRM31CR71H475KA12L
Murata
C19, C20
0.5 pF Chip Capacitors
ATC600F0R5BT250XT
ATC
C21
0.9 pF Chip Capacitor
ATC600F0R9BT250XT
ATC
C22, C23
1.0 μF Chip Capacitors
GRM31CR71H105KA12L
Murata
R1, R2, R3, R4
4.7 kΩ, 1/4 W Chip Resistors
CRCW12064K70FKEA
Vishay
R5
50 Ω, 10 W, Termination
RFP-06012A15Z50
Anaren
Z1
2100--2200 MHz, 90°, 3 dB Chip Hybrid Coupler
GSC355-HYB2150
Soshin
PCB
0.020″, εr =3.5
RF-35A2
Taconic


Similar Part No. - ATC600F0R9BT250XT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ATC600F0R9BT250XT NXP-ATC600F0R9BT250XT Datasheet
784Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 5/2012
More results

Similar Description - ATC600F0R9BT250XT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com