Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM912NE812AMAF Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # PM912NE812AMAF
Description  S12P MCU and Multifunctional Ignition
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PM912NE812AMAF Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  PM912NE812AMAF Datasheet HTML 1Page - Freescale Semiconductor, Inc PM912NE812AMAF Datasheet HTML 2Page - Freescale Semiconductor, Inc PM912NE812AMAF Datasheet HTML 3Page - Freescale Semiconductor, Inc PM912NE812AMAF Datasheet HTML 4Page - Freescale Semiconductor, Inc PM912NE812AMAF Datasheet HTML 5Page - Freescale Semiconductor, Inc PM912NE812AMAF Datasheet HTML 6Page - Freescale Semiconductor, Inc PM912NE812AMAF Datasheet HTML 7Page - Freescale Semiconductor, Inc PM912NE812AMAF Datasheet HTML 8Page - Freescale Semiconductor, Inc PM912NE812AMAF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
MM912_P812
ORDERABLE PARTS
ORDERABLE PARTS
This section describes the part numbers available to be purchased along with their differences. Valid orderable part numbers
are provided on the web. To determine the orderable part numbers for this device, go to http://www.freescale.com and perform
a part number search for the following device numbers.
Figure 2. MM912_P812 Detailed Application Diagram
Table 1. Orderable Part Variations
Part Number (3)
Processor Core
Flash Memory
RAM
Temperature (TA)
Package
MM912IP812AMAF
S12P
96 k
6.0 k
-40 to 125 °C
100 pin LQFP
MM912JP812AMAF
128 k
Notes
3.
To Order parts in Tape & Reel, add the R2 suffix to the part number.
Table 2. Calibration Tools
Part Number
Processor Core
Contact
PM912NE812AMAF
S12XEP100
Contact Sales
MRX
33812
VBAT
LAMPOUT
RESET
ROUT
RELAY OR
MIL
VBAT
RESET
VDD
MTX
INJIN
VCCSENS
DGND
+5.0 V
IGNIN
IGNOUTH
ISO9141
ISO9141
IGNFB
VCCREF
INJOUT
INJECTOR
VBAT
VBAT
*PT2
RXD
TXD
PGND1,2
WD_INH
TM_EN, TEST2
*PT0
*PT4
WDRFSH
INJFLT
IGNFLT
*PE6
*PA1
LAMPIN
RIN
PT1
PB3
VBAT
IGNSUP
PNP
IGNOUTL
OTHER LOAD
VPWR
Notes:
*PA5
RELFLT
+5.0 V
VPWR
recommended on VPWR
S12P
EP
PAD0
PAD1
PAD2
PAD3
PAD4
PAD5
PAD6
PAD7
EXTAL
XTAL
VSS
PAD9
2) Not all connections on MCU
1)Surge Voltage protection
shown
MOSI
SS
SCK
MISO
IRQ
PM1/TXCAN
PM0/RXCAN
* I/O pins indicated are examples only and not necessarily recommendations
MM912_P812


Similar Part No. - PM912NE812AMAF

ManufacturerPart #DatasheetDescription
logo
Sames
PM9102AP SAMES-PM9102AP Datasheet
103Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9102APA SAMES-PM9102APA Datasheet
103Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9102APE SAMES-PM9102APE Datasheet
103Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9103AP SAMES-PM9103AP Datasheet
113Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9103APA SAMES-PM9103APA Datasheet
113Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
More results

Similar Description - PM912NE812AMAF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33812 FREESCALE-33812_10 Datasheet
510Kb / 25P
   Multifunctional Ignition and Injector Driver
logo
NXP Semiconductors
MC33812 NXP-MC33812 Datasheet
677Kb / 28P
   Multifunctional Ignition and Injector Driver
Rev. 6.0, 4/2016
logo
Infineon Technologies A...
TLE6711 INFINEON-TLE6711 Datasheet
265Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 2.22 2001-04-23
TLE6363 INFINEON-TLE6363 Datasheet
278Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 1.1 2000-11-8
TLE6363 INFINEON-TLE6363_03 Datasheet
770Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
Rev. 1.2 2003-06-02
TLE6711 INFINEON-TLE6711_07 Datasheet
983Kb / 25P
   Multifunctional Voltage Regulator and Watchdog
Rev. 3.4, August 2007
logo
Mallory performance clu...
28675 MALLORY-28675 Datasheet
214Kb / 12P
   IGNITION COILS AND MARK II IGNITION COILS
logo
Murata Manufacturing Co...
DM-3000 MURATA-DM-3000 Datasheet
2Mb / 8P
   Multifunctional Digital Panel Meter and Counter Display
logo
Sanyo Semicon Device
LA5611 SANYO-LA5611 Datasheet
60Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs
logo
E+E Elektronik Ges.m.b....
EE772 EPLUSE-EE772 Datasheet
1Mb / 12P
   Multifunctional Flow Sensor for Compressed Air and Gases
06-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com