Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33981 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC33981
Description  Single High Side Switch
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33981 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC33981 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33981 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33981 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33981 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33981 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33981 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33981 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33981 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33981 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33981
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT (VPWR) (continued)
Current Sense Voltage Clamp
ICSNS = 15 mA
VCL(CSNS)
4.5
6.0
7.0
V
Current Sense Leakage(10)
INHS = 1 with OUT opened of load or INHS = 0
ILEAK(CSNS)
0
13
17
A
Over-temperature Shutdown
TSD
160
175
190
°C
Over-temperature Shutdown Hysteresis(11)
TSDHYS
5.0
20
C
LOW SIDE GATE DRIVER (VPWR, VGLS, VOCLS)
Low Side Gate Voltage
VPWR = 6.0 V
VPWR = 9.0 V
VPWR = 13 V
VPWR = 27 V
VGLS
5.0
8.0
12.0
12.0
5.4
8.4
12.4
12.4
6.0
9.0
13.0
13.0
V
Low Side Gate Sinked Current
VGLS = 2.0 V, VPWR = 13 V
IGLSNEG
100
mA
Low Side Gate Sourced Current
VGLS = 2.0 V, VPWR = 13 V
IGLSPOS
100
mA
Low Side Overload Detection Level versus Low Side Drain Voltage
VOCLS - VDLS, (VOCLS V
VDS_LS
-50
+50
mV
CONTROL INTERFACE (CONF, INHS, INLS, EN, OCLS)
Input Logic High-voltage (CONF, INHS, INLS)
VIH
3.3
V
Input Logic Low-voltage (CONF, INHS, INLS)
VIL
1.0
V
Input Logic Voltage Hysteresis (CONF, INHS, INLS)
VINHYS
100
600
1200
mV
Input Logic Active Pull-down Current (INHS, INLS)
IDWN
5.0
10
20
A
Enable Pull-down Resistor (EN)
RDWN
100
200
400
k
Enable Voltage Threshold (EN)
VEN
2.5
V
Input Clamp Voltage (EN)
IEN < 2.5 mA
VCLEN
7.0
14
V
Input Forward Voltage (EN)
VF(EN)
-2.0
-0.3
V
Input Active Pull-up Current (OCLS)
IOCLSp
50
100
200
A
Input Active Pull-up Current (CONF)
ICONF
5.0
10
20
A
Notes
10.
This parameter is achieved by the design characterization by measuring a statistically relevant sample size across process variations
but not tested in production.
11.
Parameter is guaranteed by process monitoring but is not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
 VPWR  27 V, -40 C  TA  125 C, unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25 C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC33981

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33981 MOTOROLA-MC33981 Datasheet
469Kb / 24P
   High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
logo
Freescale Semiconductor...
MC33981 FREESCALE-MC33981 Datasheet
1Mb / 37P
   Single High Side Switch (4.0 m廓), PWM clock up to 60 kHz
logo
NXP Semiconductors
MC33981 NXP-MC33981 Datasheet
3Mb / 51P
   Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
MC33981ABHFK NXP-MC33981ABHFK Datasheet
3Mb / 51P
   Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
MC33981ADHFK NXP-MC33981ADHFK Datasheet
3Mb / 51P
   Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
More results

Similar Description - MC33981

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33981 FREESCALE-33981_09 Datasheet
4Mb / 37P
   Single High Side Switch
logo
New Japan Radio
NJW4830 NJRC-NJW4830 Datasheet
323Kb / 11P
   Single High Side Switch
logo
STMicroelectronics
IPS160H STMICROELECTRONICS-IPS160H Datasheet
766Kb / 26P
   Single high-side switch
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
logo
New Japan Radio
NJW4820 NJRC-NJW4820_14 Datasheet
268Kb / 9P
   Single Low Side Switch
logo
Infineon Technologies A...
BTT6050-1EKA INFINEON-BTT6050-1EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6020-1EKA INFINEON-BTT6020-1EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
logo
NEC
UPD16876 NEC-UPD16876 Datasheet
137Kb / 20P
   SINGLE Pch HIGH-SIDE SWITCH FOR USB
logo
Infineon Technologies A...
BTT6010-1EKB INFINEON-BTT6010-1EKB_15 Datasheet
1Mb / 48P
   Smart High-Side Power Switch Single Channel
Rev. 1.0, 2015-10-01
logo
Rohm
BD6512F ROHM-BD6512F Datasheet
215Kb / 6P
   High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com