Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56F84543VLH Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 56F84543VLH
Description  MC56F8455x Advance
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F84543VLH Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 56F84543VLH Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F84543VLH Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F84543VLH Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F84543VLH Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F84543VLH Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F84543VLH Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F84543VLH Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F84543VLH Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F84543VLH Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
• Implementation of the CAN protocol Version 2.0 A/B
• Standard and extended data frames
• 0-to-8 bytes data length
• Programmable bit rate up to 1 Mbps
• Support for remote frames
• Sixteen Message Buffers, each configurable as receive or transmit, all supporting
standard and extended messages
• Individual Rx Mask Registers per Message Buffer
• Internal timer for time-stamping of received and transmitted messages
• Listen-only mode capability
• Programmable loopback mode supporting self-test operation
• Programmable transmission priority scheme: lowest ID, lowest buffer number, or
highest priority
• Global network time, synchronized by a specific message
• Low power modes, with programmable wakeup on bus activity
1.6.11 Computer Operating Properly (COP) Watchdog
• Programmable timeout period
• Support for operation in all power modes: run mode, wait mode, stop mode
• Causes loss of reference reset 128 cycles after loss of reference clock to the PLL is
detected
• Selectable reference clock source in support of EN60730 and IEC61508
• Selectable clock sources:
• External crystal oscillator/external clock source
• On-chip low-power 32 kHz oscillator
• System bus (IPBus up to 80 MHz)
• 8 MHz / 400 kHz ROSC
• Support for interrupt triggered when the counter reaches the timeout value
1.6.12 Power Supervisor
• Power-on reset (POR) to reset CPU, peripherals, and JTAG/EOnCE controllers
(VDD > 2.1 V)
• Brownout reset (VDD < 1.9 V)
• Critical warn low voltage interrupt (LVI2.0)
• Peripheral low voltage interrupt (LVI2.7)
Peripheral highlights
MC56F8455x Advance Information Data Sheet, Rev. 2, 06/2012.
Freescale Semiconductor, Inc.
Preliminary
11
General Business Information


Similar Part No. - 56F84543VLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F84565VLK FREESCALE-56F84565VLK Datasheet
1,019Kb / 68P
   MC56F8458x Advance
56F84567VLL FREESCALE-56F84567VLL Datasheet
1,019Kb / 68P
   MC56F8458x Advance
56F84585VLK FREESCALE-56F84585VLK Datasheet
1,019Kb / 68P
   MC56F8458x Advance
56F84587VLL FREESCALE-56F84587VLL Datasheet
1,019Kb / 68P
   MC56F8458x Advance
More results

Similar Description - 56F84543VLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F847XX FREESCALE-MC56F847XX Datasheet
1Mb / 69P
   MC56F847xx Advance
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
   Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
   Advance Information
MC56F8458X FREESCALE-MC56F8458X Datasheet
1,019Kb / 68P
   MC56F8458x Advance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com