Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56F84442VLH Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 56F84442VLH
Description  MC56F844xx Advance
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F84442VLH Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  56F84442VLH Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
Table 1. 56F844x/5x/7x Family (continued)
Part
Number
MC56F84
789 786 769 766 763 553 550 543 540 587 585 567 565 462 452 451 442 441
Standard
channels
4
1
4
1
1
1
0
1
0
2x
12
1x
12,
1x9
2x
12
1x
12,
1x9
1x9
1x9
1x6
1x9
1x6
PWMB
with input
capture:
Standard
channels
1x
12
1x7
1x
12
1x7
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DAC
1
1
1
1
1
1
1
1
1
1
1
0
0
1
0
0
0
0
Quad
Decoder
1
1
1
1
0
0
0
0
0
1
1
1
1
1
1
1
1
1
DMA
Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes
CMP
4
4
4
4
4
4
3
4
3
4
4
4
4
4
4
3
4
3
QSCI
3
3
3
3
2
2
2
2
2
3
3
3
3
2
2
2
2
2
QSPI
3
2
3
2
2
2
2
2
2
3
2
3
2
2
2
2
2
2
I2C/SMBus
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
FlexCAN
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
LQFP
package
pin count
100
80
100
80
64
64
48
64
48
100
80
100
80
64
64
48
64
48
1. This total assumes no FlexNVM is used with FlexRAM for EEPROM.
1.2 56800EX 32-bit Digital Signal Controller Core
• Efficient 32-bit 56800EX Digital Signal Processor (DSP) engine with modified dual
Harvard architecture
• Three internal address buses
• Four internal data buses: two 32-bit primary buses, one 16-bit secondary data
bus, and one 16-bit instruction bus
• 32-bit data accesses
• Support for concurrent instruction fetches in the same cycle and dual data
accesses in the same cycle
• 20 addressing modes
• As many as 60 million instructions per second (MIPS) at 60 MHz core frequency
• 162 basic instructions
• Instruction set supports both fractional arithmetic and integer arithmetic
• 32-bit internal primary data buses supporting 8-bit, 16-bit, and 32-bit data movement,
addition, subtraction, and logical operation
• Single-cycle 16 × 16-bit -> 32-bit and 32 x 32-bit -> 64-bit multiplier-accumulator
(MAC) with dual parallel moves
Overview
MC56F844xx Advance Information Data Sheet, Rev. 2, 06/2012.
Freescale Semiconductor, Inc.
Preliminary
5
General Business Information


Similar Part No. - 56F84442VLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F84540VLF FREESCALE-56F84540VLF Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84543VLH FREESCALE-56F84543VLH Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84550VLF FREESCALE-56F84550VLF Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84553VLH FREESCALE-56F84553VLH Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84565VLK FREESCALE-56F84565VLK Datasheet
1,019Kb / 68P
   MC56F8458x Advance
More results

Similar Description - 56F84442VLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F84442VLH FREESCALE-MC56F84442VLH Datasheet
1,008Kb / 67P
   MC56F844xx Advance Information
MC56F847XX FREESCALE-MC56F847XX Datasheet
1Mb / 69P
   MC56F847xx Advance
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
logo
Freescale Semiconductor...
MC56F8455X FREESCALE-MC56F8455X Datasheet
1,016Kb / 67P
   MC56F8455x Advance
logo
Motorola, Inc
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
   Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
   ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com