Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56F84789VLL Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 56F84789VLL
Description  MC56F847xx Advance
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F84789VLL Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 56F84789VLL Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F84789VLL Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F84789VLL Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F84789VLL Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F84789VLL Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F84789VLL Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F84789VLL Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F84789VLL Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F84789VLL Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
• Operation modes: edge count, gated count, signed count, capture, compare, PWM,
signal shot, single pulse, pulse string, cascaded, quadrature decode
• Programmable input filter
• Counting start can be synchronized across counters
1.6.7 Queued Serial Communications Interface (QSCI) Modules
• Operating clock up to two times CPU operating frequency
• Four-word-deep FIFOs available on both transmit and receive buffers
• Standard mark/space non-return-to-zero (NRZ) format
• 13-bit integer and 3-bit fractional baud rate selection
• Full-duplex or single-wire operation
• Programmable 8-bit or 9-bit data format
• Error detection capability
• Two receiver wakeup methods:
• Idle line
• Address mark
• 1/16 bit-time noise detection
1.6.8 Queued Serial Peripheral Interface (QSPI) Modules
• Maximum 25 Mbps baud rate
• Selectable baud rate clock sources for low baud rate communication
• Baud rate as low as Baudrate_Freq_in / 8192
• Full-duplex operation
• Master and slave modes
• Double-buffered operation with separate transmit and receive registers
• Four-word-deep FIFOs available on transmit and receive buffers
• Programmable length transmissions (2 bits to 16 bits)
• Programmable transmit and receive shift order (MSB as first bit transmitted)
1.6.9 Inter-Integrated Circuit (I2C)/System Management Bus (SMBus)
Modules
• Compatible with I2C bus standard
• Support for System Management Bus (SMBus) specification, version2
• Multi-master operation
• General call recognition
• 10-bit address extension
Peripheral highlights
MC56F847xx Advance Information Data Sheet, Rev. 2, 06/2012.
10
Preliminary
Freescale Semiconductor, Inc.
General Business Information


Similar Part No. - 56F84789VLL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
56F84789VLL NXP-56F84789VLL Datasheet
1Mb / 90P
   This family of digital signal controllers DSCs is based on the 32-bit 56800EX core.
Rev. 4.1, 01/2022
More results

Similar Description - 56F84789VLL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
logo
Freescale Semiconductor...
MC56F8455X FREESCALE-MC56F8455X Datasheet
1,016Kb / 67P
   MC56F8455x Advance
logo
Motorola, Inc
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
   Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
   Advance Information
MC56F8458X FREESCALE-MC56F8458X Datasheet
1,019Kb / 68P
   MC56F8458x Advance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com