Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10XS4200 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC10XS4200
Description  Dual 24 V, 10 mOhm High Side Switch
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS4200 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC10XS4200 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
10XS4200
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are relative to ground unless mentioned otherwise. Exceeding these ratings may cause permanent damage.
Parameter
Symbol
Maximum ratings
Unit
ELECTRICAL RATINGS
VPWR Supply Voltage Range
Load Dump at 25 °C (500 ms)
Reverse Battery at 25 °C (2 min.)
Fast Negative Transient Pulses (ISO 7637-2 pulse #1, VPWR=14 V & RI=10 Ω)
VPWR
58
-28
-60
V
VDD Supply Voltage Range
VDD
-0.3 to 5.5
V
Voltage on Input pins (6) (except IN[0:1]) and Output pins (7) (except HS[0:1])
VMAX,LOGIC
(6)
-0.3 to 5.5
V
Voltage on Fail-safe Output (FSOB)
VFSO
-0.3 to 58
V
Voltage on SO pin
VSO
-0.3 to VDD+0.3
V
Voltage (continuous, max. allowable) on IN[0:1] Inputs
VIN,MAX
58
V
Voltage (continuous, max. allowable) on output pins (HS [0:1]),
VHS[0:1]
-28 to 58
V
Rated Continuous Output Current per channel(1)
IHS[0:1]
6.0
A
Maximum allowable energy dissipation per channel and two parallel channels,
single-pulse method(2)
ECL[0:1]_SING
300
mJ
Maximum allowable energy dissipation per channel and two parallel channels,
repetitive-pulses condition. 1(3)
ECL[0:1]_REP1
> 220
mJ
Maximum allowable energy dissipation per channel and two parallel channels,
repetitive-pulses condition. 2(4)
ECL[0:1]_REP2
> 220
mJ
ESD Voltage(5)
Human Body Model (HBM) for HS[0:1], VPWR and GND
Human Body Model (HBM) for other pins
Charge Device Model (CDM)
Package Corner pins (1, 13, 19, 20)
All Other pins
VESD1
VESD2
VESD3
VESD4
±8000
±2000
±750
±500
V
Notes:
1.
Output current rating valid as long as maximum junction temperature is not exceeded. For computation of the maximum allowable output
current, the thermal resistance of the package & the underlying heatsink must be taken into account
2.
Single pulse Energy dissipation, Single-pulse short-circuit method (LL = 2.0 mH, R = 30 mΩ VPWR = 28 V, TJ = 150 °C initial).
3.
Dissipation during repetitive cycles: switch off upon short-circuit (LL = 20 µH, R = 200 mΩ, VPWR = 28 V, TJ = 125 °C initial, fS<2.0 Hz).
4.
Dissipation during repetitive cycles: switch off upon short-circuit (LL = 40 µH, R = 400 mΩ, VPWR = 28 V, TJ = 125 °C initial, fS<2.0 Hz).
5.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), and the Charge Device
Model (CDM), Robotic (CZAP = 4.0 pF).
6.
Concerned Input pins are: CONF[0:1], RSTB, SI, SCLK, Clock, and CSB.
7.
Concerned Output pins are: CSNS, SYNC, and FSB.


Similar Part No. - MC10XS4200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200BAFK NXP-MC10XS4200BAFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200BDFK NXP-MC10XS4200BDFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200BFK NXP-MC10XS4200BFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200CFK NXP-MC10XS4200CFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
More results

Similar Description - MC10XS4200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
logo
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
logo
NXP Semiconductors
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
logo
Freescale Semiconductor...
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
   Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
MC22XS4200 NXP-MC22XS4200_V01 Datasheet
1Mb / 64P
   Dual 24 V, 22 mOhm high-side switch
Rev. 7.0, 9/2022
MC20XS4200 NXP-MC20XS4200_V01 Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200 NXP-MC20XS4200 Datasheet
1Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 7.0, 10/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com