Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10XS3535 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC10XS3535
Description  Smart Front Corner Light Switch
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3535 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC10XS3535 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
10XS3535
PIN CONNECTIONS
Notes
1.
The pins 14, 17 and 23 must be shorted on the board.
10
SI
Input
Master-Out Slave-
In
This data input is sampled on the positive edge of the SCLK. This pin has a
passive internal pull-down resistance.
11
VCC
Power
Logic Supply
SPI Logic power supply.
12
SO
Output
Master-In Slave-
Out
SPI data is sent to the MCU by this pin. This data output changes on the
negative edge of SCLK and when CS is high, this pin is high-impedance.
13
FETOUT
Output
External FET Gate This pin controls an external SMART MOSFET by logic level. This output is also
called OUT6.
If OUT6 is not used in the application, this output pin is set to logic high when
the current sense output becomes valid when CSNS sync SPI bit is set to logic
[1].
14,17,23
GND
Ground
Ground
This pin is the ground for the logic and analog circuitry of the device.(1)
15
VBAT
Power
Battery Input
Power supply pin.
16
CP
Output
Charge Pump
This pin is the connection for an external tank capacitor (for internal use only).
22
18
OUT1
OUT5
Output
Output 1
Output 5
Protected 35 m
Ω high side power output to the load.
21
20
19
OUT2
OUT3
OUT4
Output
Output 2
Output 3
Output 4
Protected 10 m
Ω high side power output to the load.
24
CSNS
Output
Current Sense
Output
This pin is used to output a current proportional to OUT1:OUT5, FETin current,
and it is used externally to generate a ground-referenced voltage for the
microcontroller to monitor output current. Moreover, this pin can report a voltage
proportional to the temperature on the GND flag.
OUT1:OUT5, FETin current sensing and Temperature feedback choice is SPI
programmable.
Table 1. 10XS3535 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on Page 20.
Pin
Number
Pin Name
Pin Function
Formal Name
Definition


Similar Part No. - MC10XS3535

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS3412 FREESCALE-MC10XS3412 Datasheet
2Mb / 51P
   Quad High Side Switch (Dual 10m廓, Dual 12m廓)
MC10XS3412 FREESCALE-MC10XS3412 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
logo
NXP Semiconductors
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
MC10XS3412CHFK FREESCALE-MC10XS3412CHFK Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
logo
NXP Semiconductors
MC10XS3412CHFK NXP-MC10XS3412CHFK Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
More results

Similar Description - MC10XS3535

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33480 FREESCALE-33480 Datasheet
989Kb / 39P
   Smart Front Corner Light
35XS3500 FREESCALE-35XS3500_V12 Datasheet
1Mb / 47P
   Smart Rear Corner Light Switch(penta 35 mOhm)
logo
NXP Semiconductors
MC35XS3500 NXP-MC35XS3500 Datasheet
2Mb / 45P
   Smart Rear Corner Light Switch (Penta 35 mOhm)
Rev. 8.0, 8/2013
logo
Freescale Semiconductor...
10XS3535 FREESCALE-10XS3535 Datasheet
1Mb / 43P
   Smart Front Corner Light Switch (Triple 10 m廓 and Dual 35 m廓)
35XS3500 FREESCALE-35XS3500 Datasheet
1Mb / 41P
   Smart Rear Corner Light Switch (Penta 35 m廓)
logo
Skyworks Solutions Inc.
SE2438T SKYWORKS-SE2438T Datasheet
1Mb / 13P
   Smart Energy Front-End Module
logo
Texas Instruments
UC37132N TI1-UC37132N Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
logo
List of Unclassifed Man...
TL-SG2216 ETC2-TL-SG2216 Datasheet
1Mb / 4P
   Gigabit Smart Switch
logo
Texas Instruments
UC17131 TI-UC17131 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
logo
STMicroelectronics
L9651 STMICROELECTRONICS-L9651 Datasheet
119Kb / 9P
   SMART QUAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com