Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08PT16 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC9S08PT16
Description  MC9S08PT16
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08PT16 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC9S08PT16 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08PT16 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08PT16 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08PT16 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08PT16 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08PT16 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08PT16 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08PT16 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08PT16 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
MC9S08PT16
MC9S08PT16 Series
Support: MC9S08PT16 and
MC9S08PT8
Features
• 8-Bit S08 central processor unit (CPU)
– Up to 20 MHz bus at 2.7 V to 5.5 V across
temperature range of -40 °C to 105 °C
– Supporting up to 40 interrupt/reset sources
– Supporting up to four-level nested interrupt
– On-chip memory
– Up to 16 KB flash read/program/erase over full
operating voltage and temperature
– Up to 256 byte EEPROM; 2-byte erase sector;
program and erase while executing flash
– Up to 2048 byte random-access memory (RAM)
– Flash and RAM access protection
• Power-saving modes
– One low-power stop mode; reduced power wait
mode
– Peripheral clock enable register can disable clocks to
unused modules, reducing currents; allows clocks to
remain enabled to specific peripherals in stop3 mode
• Clocks
– Oscillator (XOSC) - loop-controlled Pierce
oscillator; crystal or ceramic resonator range of
31.25 kHz to 39.0625 kHz or 4 MHz to 20 MHz
– Internal clock source (ICS) - containing a frequency-
locked-loop (FLL) controlled by internal or external
reference; precision trimming of internal reference
allowing 1% deviation across temperature range of 0
°C to 70 °C and 2% deviation across temperature
range of -40 °C to 105 °C; up to 20 MHz
• System protection
– Watchdog with independent clock source
– Low-voltage detection with reset or interrupt;
selectable trip points
– Illegal opcode detection with reset
– Illegal address detection with reset
• Development support
– Single-wire background debug interface
– Breakpoint capability to allow three breakpoints
setting during in-circuit debugging
– On-chip in-circuit emulator (ICE) debug module
containing two comparators and nine trigger modes
• Peripherals
– ACMP - one analog comparator with both positive
and negative inputs; separately selectable interrupt
on rising and falling comparator output; filtering
– ADC - 12-channel, 12-bit resolution; 2.5 µs
conversion time; data buffers with optional
watermark; automatic compare function; internal
bandgap reference channel; operation in stop mode;
optional hardware trigger
– CRC - programmable cyclic redundancy check
module
– FTM - two flex timer modulators modules including
one 6-channel and one 2-channel ones; 16-bit
counter; each channel can be configured for input
capture, output compare, edge- or center-aligned
PWM mode
– IIC - One inter-integrated circuit module; up to 400
kbps; multi-master operation; programmable slave
address; supporting broadcast mode and 10-bit
addressing
– MTIM - One modulo timer with 8-bit prescaler and
overflow interrupt
– RTC - 16-bit real timer counter (RTC)
– SCI - two serial communication interface (SCI/
UART) modules optional 13-bit break; full duplex
non-return to zero (NRZ); LIN extension support
– SPI - one 8-bit serial peripheral interface (SPI)
modules; full-duplex or single-wire bidirectional;
master or slave mode
– TSI - supporting up to 16 external electrodes;
configurable software or hardware scan trigger; fully
support freescale touch sensing software library;
capability to wake MCU from stop3 mode
Freescale Semiconductor
Document Number: MC9S08PT16
Data Sheet: Technical Data
Rev. 1, 7/4/2012
Freescale reserves the right to change the detail specifications as may be
required to permit improvements in the design of its products.
© 2011–2012 Freescale Semiconductor, Inc.


Similar Part No. - MC9S08PT16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08PT16 NXP-MC9S08PT16 Datasheet
902Kb / 37P
   8-Bit S08 central processor unit (CPU)
Rev. 4, 03/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com