Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K53P144M100SF2V2 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # K53P144M100SF2V2
Description  K53 Sub-Family
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K53P144M100SF2V2 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button K53P144M100SF2V2 Datasheet HTML 55Page - Freescale Semiconductor, Inc K53P144M100SF2V2 Datasheet HTML 56Page - Freescale Semiconductor, Inc K53P144M100SF2V2 Datasheet HTML 57Page - Freescale Semiconductor, Inc K53P144M100SF2V2 Datasheet HTML 58Page - Freescale Semiconductor, Inc K53P144M100SF2V2 Datasheet HTML 59Page - Freescale Semiconductor, Inc K53P144M100SF2V2 Datasheet HTML 60Page - Freescale Semiconductor, Inc K53P144M100SF2V2 Datasheet HTML 61Page - Freescale Semiconductor, Inc K53P144M100SF2V2 Datasheet HTML 62Page - Freescale Semiconductor, Inc K53P144M100SF2V2 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 85 page
background image
Table 40. VREF full-range operating behaviors
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
Vout
Voltage reference output with factory trim at
nominal VDDA and temperature=25C
1.1915
1.195
1.1977
V
Vout
Voltage reference output — factory trim
1.1584
1.2376
V
Vout
Voltage reference output — user trim
1.193
1.197
V
Vstep
Voltage reference trim step
0.5
mV
Vtdrift
Temperature drift (Vmax -Vmin across the full
temperature range)
80
mV
Ibg
Bandgap only current
80
µA
1
Ilp
Low-power buffer current
360
uA
1
Ihp
High-power buffer current
1
mA
1
ΔVLOAD Load regulation
• current = ± 1.0 mA
200
µV
1, 2
Tstup
Buffer startup time
100
µs
Vvdrift
Voltage drift (Vmax -Vmin across the full voltage
range)
2
mV
1
1. See the chip's Reference Manual for the appropriate settings of the VREF Status and Control register.
2. Load regulation voltage is the difference between the VREF_OUT voltage with no load vs. voltage with defined load
Table 41. VREF limited-range operating requirements
Symbol
Description
Min.
Max.
Unit
Notes
TA
Temperature
0
50
°C
Table 42. VREF limited-range operating behaviors
Symbol
Description
Min.
Max.
Unit
Notes
Vout
Voltage reference output with factory trim
1.173
1.225
V
6.7 Timers
See General switching specifications.
6.8 Communication interfaces
Peripheral operating requirements and behaviors
K53 Sub-Family Data Sheet, Rev. 1, 6/2012.
Freescale Semiconductor, Inc.
Preliminary
59
General Business Information


Similar Part No. - K53P144M100SF2V2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K53P144M100SF2V2 NXP-K53P144M100SF2V2 Datasheet
1Mb / 88P
   K53 Sub-Family
Rev. 3, 6/2013
More results

Similar Description - K53P144M100SF2V2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K53P144M100SF2 NXP-K53P144M100SF2 Datasheet
2Mb / 83P
   K53 Sub-Family
Rev. 7, 02/2013
K53P144M100SF2V2 NXP-K53P144M100SF2V2 Datasheet
1Mb / 88P
   K53 Sub-Family
Rev. 3, 6/2013
logo
Freescale Semiconductor...
K20P144M120SF3_1210 FREESCALE-K20P144M120SF3_1210 Datasheet
1Mb / 86P
   K20 Sub-Family
K10P100M100SF2V2 FREESCALE-K10P100M100SF2V2 Datasheet
1Mb / 69P
   K10 Sub-Family
K20P48M50SF0 FREESCALE-K20P48M50SF0 Datasheet
1Mb / 60P
   K20 Sub-Family
K20P81M100SF2V2 FREESCALE-K20P81M100SF2V2 Datasheet
1Mb / 71P
   K20 Sub-Family
K30P81M100SF2V2 FREESCALE-K30P81M100SF2V2 Datasheet
1Mb / 66P
   K30 Sub-Family
K40P81M100SF2V2 FREESCALE-K40P81M100SF2V2 Datasheet
1Mb / 72P
   K40 Sub-Family
K51P64M72SF1 FREESCALE-K51P64M72SF1 Datasheet
1Mb / 74P
   K51 Sub-Family
K60P100M100SF2V2 FREESCALE-K60P100M100SF2V2 Datasheet
1Mb / 76P
   K60 Sub-Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com