Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

41.2352-ND Datasheet(PDF) 4 Page - Schurter Inc.

Part # 41.2352-ND
Description  Illuminated pushbutton EMF
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

41.2352-ND Datasheet(HTML) 4 Page - Schurter Inc.

  41.2352-ND Datasheet HTML 1Page - Schurter Inc. 41.2352-ND Datasheet HTML 2Page - Schurter Inc. 41.2352-ND Datasheet HTML 3Page - Schurter Inc. 41.2352-ND Datasheet HTML 4Page - Schurter Inc. 41.2352-ND Datasheet HTML 5Page - Schurter Inc. 41.2352-ND Datasheet HTML 6Page - Schurter Inc. 41.2352-ND Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Zubehör EMF
Accessories EMF
Ausführungen
Models
Streuscheiben
Legend plate insert
HALT
AB
ZU
AUF
AUS
EIN
EIN
I
O
Kalotten
Lenses
glasklar
clear glass
rotklar
clear red
grünklar
clear green
gelbklar
clear yellow
blauklar
clear blue
opal
pearl
rot gedeckt
diffuse red
grün gedeckt
diffuse green
gelb gedeckt
diffuse yellow
blau gedeckt
diffuse blue
schwarz*
black*
weiß / opak
white / pearl
0854.0601
0854.0602
0854.0603
0854.0604
0854.0605
0854.0611
0854.0612
0854.0613
0854.0614
0854.0615
0854.0616
0854.0872
0854.1602
0854.1603
0854.1604
0854.1605
0854.1606
0854.1607
0854.1608
0854.1609
0854.1610
0854.1611
0854.1612
0854.1613
0854.0581
0854.0582
0854.0583
0854.0584
0854.0585
0854.0591
0854.0592
0854.0593
0854.0594
0854.0595
0854.0596
0854.0871
0854.1402
0854.1403
0854.1404
0854.1405
0854.1406
0854.1407
0854.1408
0854.1409
0854.1410
0854.1411
0854.1412
0854.1413
0854.0621
0854.0622
0854.0623
0854.0624
0854.0625
0854.0631
0854.0632
0854.0633
0854.0634
0854.0635
0854.0636
0854.0873
0854.1802
0854.1803
0854.1804
0854.1805
0854.1806
0854.1807
0854.1808
0854.1809
0854.1810
0854.1811
0854.1812
0854.1813
Farbe
Colour
Artikelnummer
Part Number
Artikelnummer
Part Number
Artikelnummer
Part Number
Ø 18 mm
18x18 mm
18x24 mm
Farbe der Streuscheibe weiß/opak. Beschriftet nur zusammen mit klarfarbigen Kalotten verwenden.
The white/transluscent legend plate with black inscriptions use only with clear glass lenses.
Andere Beschriftungen und Symbole auf Anfrage / Other legends available on request.
*Für beleuchtete Anwendungen nicht empfohlen / *Not recommended for illuminated switches.


Similar Part No. - 41.2352-ND

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
41.31 ETC1-41.31 Datasheet
923Kb / 10P
   Low profile PCB relays 8 - 12 - 16 A
41.31.9 ETC1-41.31.9 Datasheet
923Kb / 10P
   Low profile PCB relays 8 - 12 - 16 A
41.32.9 ETC1-41.32.9 Datasheet
923Kb / 10P
   Low profile PCB relays 8 - 12 - 16 A
41.51.9 ETC1-41.51.9 Datasheet
923Kb / 10P
   Low profile PCB relays 8 - 12 - 16 A
41.52 ETC1-41.52 Datasheet
923Kb / 10P
   Low profile PCB relays 8 - 12 - 16 A
More results

Similar Description - 41.2352-ND

ManufacturerPart #DatasheetDescription
E-SWITCH
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
   ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
   ILLUMINATED PUSHBUTTON
CIT Relay & Switch
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
   Illuminated Pushbutton
Schneider Electric
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
E-SWITCH
E-SWITCH
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
   ILLUMINATED PUSHBUTTON
Schneider Electric
Schneider Electric
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST05 SCHNEIDER-XB5AWCUST05 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST09 SCHNEIDER-XB5AWCUST09 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
XB4BWCUST03 SCHNEIDER-XB4BWCUST03 Datasheet
163Kb / 1P
   ILLUMINATED PUSHBUTTON
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com