Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN71NS032A0 Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN71NS032A0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous Operation, Multiplexed Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN71NS032A0 Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN71NS032A0 Datasheet HTML 1Page - Eon Silicon Solution Inc. EN71NS032A0 Datasheet HTML 2Page - Eon Silicon Solution Inc. EN71NS032A0 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN71NS032A0 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN71NS032A0 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN71NS032A0 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN71NS032A0 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN71NS032A0 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN71NS032A0 Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.eonssi.com
or modifications due to changes in technical specifications.
1
EN71NS032A0
Rev. B, Issue Date: 2011/07/05
Distinctive Characteristics
MCP Features
■ Power supply voltage of 1.7V to 1.95V
■ High performance
- 70 ns @ random access
- 7 ns @ burst access (108MHz)
■ Package
- 6.2 x 7.7 x 1.0mm 56 ball BGA
■ Operating Temperature
- 25°C to +85°C
General Description
EN71NS032A0 is a product line of stacked Multi-Chip Product (MCP) packages and consists of:
■ Burst Simultaneous Operation, Multiplexed NOR Flash Memory.
■ Burst Mode, Multiplexed Pseudo SRAM.
For detailed specifications, Please refer to the individual datasheets listed in the following table.
Device
Document
NOR Flash Memory
EN29NS032
Pseudo SRAM
ENPSS16
Flash Density
32Mb
pSRAM density
16Mb
Flash Access time
70ns at Async. Mode
7ns at Burst Read
pSRAM Access time
70ns at Async. Mode
7ns at Burst Read
Flash Burst mode
max frequency
108MHz
pSRAM Burst mode
max frequency
108MHz
Package
56-ball BGA
EN71NS032A0
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous
Operation, Multiplexed Flash Memory and
16 Megabit (1M x 16-bit) Pseudo Static RAM


Similar Part No. - EN71NS032A0

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN71NS128B0 EON-EN71NS128B0 Datasheet
639Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71NS128B0-7DCWP EON-EN71NS128B0-7DCWP Datasheet
259Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
EN71NS128B0 EON-EN71NS128B0_11 Datasheet
259Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
EN71NS128C0 EON-EN71NS128C0 Datasheet
250Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 64 Megabit (4M x 16-bit) Pseudo Static RAM
EN71NS128C0-7DCWP EON-EN71NS128C0-7DCWP Datasheet
250Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 64 Megabit (4M x 16-bit) Pseudo Static RAM
More results

Similar Description - EN71NS032A0

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN71NS128B0 EON-EN71NS128B0_11 Datasheet
259Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
EN71PL032A0 EON-EN71PL032A0_1 Datasheet
424Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
EN71NS128C0 EON-EN71NS128C0 Datasheet
250Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 64 Megabit (4M x 16-bit) Pseudo Static RAM
EN71GL064B0 EON-EN71GL064B0 Datasheet
332Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 64 Megabit (4M x 16-bit) CMOS 3.0 Volt-only Page Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
logo
AMIC Technology
A29DL16X AMICC-A29DL16X Datasheet
738Kb / 47P
   16 Megabit (2M x 8-Bit/1M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM49DL320BG AMD-AM49DL320BG Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Pseudo Static RAM
AM42BDS640AG AMD-AM42BDS640AG Datasheet
995Kb / 72P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
logo
ATMEL Corporation
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
   32-megabit (2M x 16) 1.8-volt Only Flash Memory
AT49SV163D ATMEL-AT49SV163D Datasheet
463Kb / 30P
   16-megabit 1M x 16) 1.8-volt Only Flash Memory
logo
SPANSION
AM49PDL640AG SPANSION-AM49PDL640AG Datasheet
954Kb / 69P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com