Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN39SL800 Datasheet(PDF) 10 Page - Eon Silicon Solution Inc.

Part No. EN39SL800
Description  8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
Download  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN39SL800 Datasheet(HTML) 10 Page - Eon Silicon Solution Inc.

Back Button EN39SL800_11 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN39SL800_11 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN39SL800_11 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN39SL800_11 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN39SL800_11 Datasheet HTML 10Page - Eon Silicon Solution Inc. EN39SL800_11 Datasheet HTML 11Page - Eon Silicon Solution Inc. EN39SL800_11 Datasheet HTML 12Page - Eon Silicon Solution Inc. EN39SL800_11 Datasheet HTML 13Page - Eon Silicon Solution Inc. EN39SL800_11 Datasheet HTML 14Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
10
EN39SL800
Rev. H, Issue Date: 2011/02/14
completion of a program or erase operation by reading the DQ[7] (Data# Polling) and DQ[6] (Toggle) status
bits.
The ‘Command Definitions’ section of this document provides details on the specific device commands
implemented in the EN39SL800.
Block Protection and Chip Unprotection
The EN39SL800 includes the hardware block protection feature, which disables both program and erase
operations in any block. The block protect feature is enabled using programming equipment at the user’s
site. Block is unprotected when the devices are shipped.
Block Protection
To activate the block protection mode, the programming equipment must force VID on address pin A9 and
control pin OE#, (VID=10V ± 1.0V), CE# = WE# = VIL. The block addresses (A18-A15) should be set to the
block to be protected while (A6, A1, A0) = (VIL, VIH, VIL). Programming of the protection circuitry begins on
the falling edge and is terminated with the rising edge of the WE# pulse. Addresses must be held constant
during the WE# pulse. Please see Flowchart 7a for Block Protection Algorithms and Figure 11 for the
waveform of timings.
Verification of the protection circuitry requires the programming equipment to apply VID on address pin A9
while OE# is set at VIL, WE# is at VIH and (A6, A1, A0) = (VIL, VIH, VIL). To check for block protection,
scanning of A18 – A15 while (A6, A1, A0) = (VIL, VIH, VIL) and activating CE# will produce 01H at the
device’s outputs (DQ0 – DQ7). During this mode, the lower addresses (except for A0, A1, and A6) are
don’t care (can be VIL or VIH but not floating).
The unspecified addresses are don’t care which means they can be VIL, or VIH, but should not be floating.
We also recommend that the data pins also be at VIL or VIH during the time that WE# is at VIL.
Chip Unprotection
Previously protected blocks can be unprotected using the chip unprotection algorithm as seen in Flowchart
7b and
Figure 12 for the waveform of timings. All blocks must be placed in the protection mode using
protection algorithm mentioned above before unprotection can be executed.
To activate the chip unprotection mode, the programming equipment must force VID on address pin A9 and
control pin OE#, (VID=10V ± 1.0V), CE# = WE# = VIL. And set addresses (A6, A1, A0) = (VIH, VIH, VIL). The
unprotection circuitry is then invoked by keeping WE# at VIL for a length of tWPP2.
To determine if unprotection is complete, each block must be verified. The chip unprotect verify mode is
entered by setting OE#=VIL, WE#=VIH, and raising A9 to VID. The unprotection status can then be read
from DQ0-DQ7 by setting block address bits A18-A15 to the desired block address, and A6=1, A1=1, A0=0,
and CE# to VIL. A 00h on DQ0-DQ7 indicates that unprotection of that particular block is complete;
otherwise repeat the process by re-entering the unprotection mode and re-invoking the unprotection
circuitry for a period of tWPP2. Repeat the process also if the unprotection status of any other blocks does
not indicate 00h on DQ0-DQ7. When DQ0-DQ7 reads 00h for all blocks, chip unprotection is complete.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy consumption. The device automatically enables
this mode when addresses remain stable for tacc + 30ns. The automatic sleep mode is independent of the
CE#, WE# and OE# control signals. Standard address access timings provide new data when addresses
are changed. While in sleep mode, output is latched and always available to the system. Icc4 in the DC
Characteristics table represents the automatic sleep mode current specification.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn