Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN39SL800 Datasheet(PDF) 45 Page - Eon Silicon Solution Inc.

Part No. EN39SL800
Description  8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
Download  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN39SL800 Datasheet(HTML) 45 Page - Eon Silicon Solution Inc.

 
Zoom Inzoom in Zoom Outzoom out
 45 / 45 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
45
EN39SL800
Rev. H, Issue Date: 2011/02/14
Revisions List
Revision No Description
Date
A
Initial Release
2009/02/20
B
1. Modify Table 5 addresses 13h = 0002h, 14h = 0000h and 15h = 0040h on
page 12.
2. Update Table 12, 13 on page 31 and 32.
2009/03/03
C
1. Correct typo 15 5 mA typical active read current in page 1.
2. Correct typo tBUSY Min Max in Page 31.
2009/03/24
D
To modify Table 10, Icc1 active read current (max.) from 6mA to 10mA on page
26
2009/05/13
E
1. Modify TFBGA ball diagram (BYTE#, RESET# and RY/BY# pins are changed
to NC status)
2. Removal of WLGA 5mm x 6mm package definition
3. addition of TSOP (type 1) package information
2009/06/08
F
1. Removal of all of 90ns descriptions
2. modify the max sector erase time to 0.4s
3. adding byte / word programming maximum time
2009/06/15
G
1. Remove the BYTE#, RESET# and RY/BY# functions and TSOP (type 1)
package information.
2. Modify the description of Block Protection and Chip Unprotection on page 10,
24, 25, 38 and 39.
2009/08/18
H
Update Table 4.DEVICE IDENTIFICTION (Autoselect Codes) on page 8. 2011/02/14


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn