Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN39SL800 Datasheet(PDF) 42 Page - Eon Silicon Solution Inc.

Part No. EN39SL800
Description  8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
Download  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN39SL800 Datasheet(HTML) 42 Page - Eon Silicon Solution Inc.

 
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
42
EN39SL800
Rev. H, Issue Date: 2011/02/14
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
Storage Temperature
-65 to +150
Plastic Packages
-65 to +125
Ambient Temperature
With Power Applied
-55 to +125
Output Short Circuit Current
1
200
mA
A9, OE#
2
-0.5 to +11.0
V
All other pins
3
-0.5 to Vcc+0.5
V
Voltage with
Respect to Ground
Vcc
-0.5 to Vcc+0.5
V
Notes:
1.
No more than one output shorted may be shorted to ground at a time. Duration of the short circuit should not be greater than one
second.
2.
Minimum DC input voltage on A9 and OE# pins is –0.5V. During voltage transitions, A9 and OE# pins may undershoot Vss to –1.0V
for periods of up to 50ns and to –2.0V for periods of up to 20ns. See figure below. Maximum DC input voltage on A9 and OE# is
9.0V which may overshoot to 11.0V for periods up to 20ns.
3.
Minimum DC voltage on input or I/O pins is –0.5 V. During voltage transitions, inputs may undershoot Vss to –1.0V for periods of up
to 50ns and to –2.0 V for periods of up to 20ns. See figure below. Maximum DC voltage on output and I/O pins is Vcc + 0.5 V.
During voltage transitions, outputs may overshoot to Vcc + 1.5 V for periods up to 20ns. See figure below.
4.
Stresses above the values so mentioned above may cause permanent damage to the device. These values are for a stress rating
only and do not imply that the device should be operated at conditions up to or above these values. Exposure of the device to the
maximum rating values for extended periods of time may adversely affect the device reliability.
RECOMMENDED OPERATING RANGES
1
Parameter
Value
Unit
Ambient Operating Temperature
Industrial Devices
-40 to 85
Operating Supply Voltage
Vcc
Full Voltage Range:
1.65 to 1.95
V
1. Recommended Operating Ranges define those limits between which the functionality of the device is guaranteed.
Vcc
+2.0V
Maximum Negative Overshoot Waveform
Maximum Positive Overshoot Waveform
0
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn