Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN39SL800 Datasheet(PDF) 29 Page - Eon Silicon Solution Inc.

Part # EN39SL800
Description  8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN39SL800 Datasheet(HTML) 29 Page - Eon Silicon Solution Inc.

Back Button EN39SL800_11 Datasheet HTML 25Page - Eon Silicon Solution Inc. EN39SL800_11 Datasheet HTML 26Page - Eon Silicon Solution Inc. EN39SL800_11 Datasheet HTML 27Page - Eon Silicon Solution Inc. EN39SL800_11 Datasheet HTML 28Page - Eon Silicon Solution Inc. EN39SL800_11 Datasheet HTML 29Page - Eon Silicon Solution Inc. EN39SL800_11 Datasheet HTML 30Page - Eon Silicon Solution Inc. EN39SL800_11 Datasheet HTML 31Page - Eon Silicon Solution Inc. EN39SL800_11 Datasheet HTML 32Page - Eon Silicon Solution Inc. EN39SL800_11 Datasheet HTML 33Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
29
EN39SL800
Rev. H, Issue Date: 2011/02/14
Table 12. AC CHARACTERISTICS
(Ta = - 40°C to 85°C; VCC = 1.65-1.95V)
Write (Erase/Program) Operations
Parameter
Symbols
Speed Options
JEDEC
Standard
Description
-70
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
70
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tWLAX
tAH
Address Hold Time
Min
45
ns
tDVWH
tDS
Data Setup Time
Min
30
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tOES
Output Enable Setup Time
Min
0
ns
tGHWL
tGHWL
Read Recovery Time before Write
(OE# High to WE# Low)
Min
0
ns
tELWL
tCS
CE# Setup Time
Min
0
ns
tWHEH
tCH
CE# Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
35
ns
tWHDL
tWPH
Write Pulse Width High
Min
20
ns
tWHWH1 tWHWH1
Word Programming Operation (Note 2)
Typ
8
µs
Sector
Typ
0.09
s
Block
Typ
0.18
s
tWHWH2
tWHWH2 Erase Operation (Note 2)
Chip
Typ
2
s
tVCS
Vcc Setup Time (Note 1)
Min
50
µs
tVT
Voltage Transition Time
Min
500
ns
tWPP1
Block Pulse Width
Min
100
μs
tWPP2
Chip Unprotection Pulse Width
Min
10
ms
tST
Voltage setup time
Min
4
μs
Notes:
1. Not 100% tested.
2. See Erase and Programming Performance for more information.


Similar Part No. - EN39SL800_11

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39SL800-70BIP EON-EN39SL800-70BIP Datasheet
476Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL800-70NIP EON-EN39SL800-70NIP Datasheet
476Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
More results

Similar Description - EN39SL800_11

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39SL800 EON-EN39SL800 Datasheet
476Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL801 EON-EN39SL801 Datasheet
470Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AH EON-EN39SL160AH Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AHL EON-EN39SL160AHL Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160H EON-EN39SL160H Datasheet
581Kb / 52P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
logo
AMIC Technology
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
S29AS008J SPANSION-S29AS008J Datasheet
1Mb / 55P
   8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com