Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29PL032A Datasheet(PDF) 43 Page - Eon Silicon Solution Inc.

Part # EN29PL032A
Description  32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29PL032A Datasheet(HTML) 43 Page - Eon Silicon Solution Inc.

Back Button EN29PL032A Datasheet HTML 39Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 40Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 41Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 42Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 43Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 44Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 45Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 46Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 47Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
43
EN29PL032A
Rev. B, Issue Date: 2010/12/27
20.6
Erase/Program Operations
Table 20.5
Erase and Program Operations
Parameter
Speed Options (ns)
JEDEC
Std
Description
70
Unit
tAVAV
tWC Write Cycle Time (Note 1)
Min
70
tAVWL
tAS
Address Setup Time
Min
0
ns
tASO Address Setup Time to OE# low during toggle bit polling
Min
15
ns
tWLAX
tAH
Address Hold Time
Min
35
ns
tAHT Address Hold Time From CE# or OE# high during toggle bit polling
Min
0
ns
tDVWH
tDS
Data Setup Time
Min
30
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tOEPH Output Enable High during toggle bit polling
Min
10
ns
tGHWL tGHWL Read Recovery Time Before Write (OE# High to WE# Low)
Min
0
ns
tELWL
tCS
CE# Setup Time
Min
0
ns
tWHEH
tCH
CE# Hold Time
Min
0
ns
tWLWH
tWP Write Pulse Width
Min
35
ns
tWHDL
tWPH Write Pulse Width High
Min
25
ns
tSR/W Latency Between Read and Write Operations
Min
0
ns
tWHWH 1 tWHW H1 Programming Operation (Note 2)
Typ
8
µs
tWHWH 1 tWHW H1 Accelerated Programming Operation (Note 2)
Typ
7
µs
tWHWH 2 tWHW H2 Sector Erase Operation (Note 2)
Typ
0.1
sec
tVCS VCC Setup Time (Note 1)
Min
50
µs
tRB
Write Recovery Time from RY/BY#
Min
0
ns
Max
90
ns
tBUSY Program/Erase Valid to RY/BY# Delay
Min
35
ns
tPSL Program Suspend Latency
Max
35
µs
tESL Erase Suspend Latency
Max
35
µs
Notes:
1.
Not 100% tested.
2.
See Table 21.4 for more information.


Similar Part No. - EN29PL032A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29PL064 EON-EN29PL064 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only
EN29PL064-70BI EON-EN29PL064-70BI Datasheet
883Kb / 66P
   64/32 Mbit (4/2 M x 16-Bit) CMOS 3.0 Volt- only,
EN29PL064-70BIP EON-EN29PL064-70BIP Datasheet
883Kb / 66P
   64/32 Mbit (4/2 M x 16-Bit) CMOS 3.0 Volt- only,
EN29PL064-70CI EON-EN29PL064-70CI Datasheet
883Kb / 66P
   64/32 Mbit (4/2 M x 16-Bit) CMOS 3.0 Volt- only,
EN29PL064-70CIP EON-EN29PL064-70CIP Datasheet
883Kb / 66P
   64/32 Mbit (4/2 M x 16-Bit) CMOS 3.0 Volt- only,
More results

Similar Description - EN29PL032A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29PL064 EON-EN29PL064_11 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
logo
SPANSION
S29JL032H SPANSION-S29JL032H_09 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S71PL512ND0 SPANSION-S71PL512ND0 Datasheet
1Mb / 90P
   Two S29PL256N Devices (32 M x 16-Bit) CMOS 3.0-Volt only Simultaneous Read/Write, Page-Mode Flash Memory
logo
Advanced Micro Devices
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com