Electronic Components Datasheet Search |
|
41.2304-ND Datasheet(PDF) 2 Page - Schurter Inc. |
|
41.2304-ND Datasheet(HTML) 2 Page - Schurter Inc. |
2 / 7 page Technische Daten EMF Technical Data EMF Lötbarkeit IEC 68-2-20, Test Ta, Methode 2 Solderability Lötwäremebeständigkeit IEC 68-2-20, Test Tb, Methode 2 Soldering heat reststance Umgebungstemperatur Ambient temperature Lagertemperatur / Storage temperature Schutzklasse (IEC 529, DIN 40050) Class of protection 350 °C, 2 s, 350 °C, 10 s, -40 °C…+55 °C (mit Glühlampe) (with lamp) -40 °C…+85 °C (ohne Glühlampe) (without lamp) -40 °C…+85 °C II/IEC 536 EMF 3. SonstigeKennwerte / Other data Schaltspannung max. / Switching voltage max. Schaltstrom max. / Switching current max. Lebensdauer (bei Nennleistung 0,12 W) Lifetime (at rated breaking capacity 0,12 W) Durchgangswiderstand, neu (IEC 512-2, mV-Methode) Initial contact resistance, new Isolationswiderstand (IEC 341-1) Insulation resistance Prüfspannung / Test voltage 2. Elektrische Kennwerte / Electrical data 250 V AC 250 V DC 5 A 0,2 A 5 A / 250 V AC > 5 x 104 Bet. 4 A / 250 V AC > 6 x 104 Bet. 2 A / 250 V AC > 2 x 105 Bet. 1 A / 250 V AC > 4 x 105 Bet. < 10 mΩ > 104 MΩ 500 V DC > 4.000 V, 50 Hz, 1 min. zwischen Metallplatte und Anschlüssen between housing and terminals EMF Schutzgrad / Degree of protection Betätigungskraft / Actuating force Schaltweg / Contact travel Endanschlagfestigkeit (DIN 41640 T. 19) / End stop strength Lebensdauer (IEC 512-5 Test 9a, Betätigungskraft 5 N) Lifetime Vibrationsbeständigkeit Vibration resistance IP 40 / IP 67 > 1,5 N 3,2 mm > 100 N > 2 x 106 Betätigungen Operations IEC 68-2-6 Test Fc Detailangaben auf Anfrage IEC 68-2-6 Test Fc Details on request EMF 1. Mechanische Kennwerte / Mechanical data Kontakmaterial Contact material Löt-Anschlüsse Solder terminals Silber / Nickel, goldplattiert silver / nickel, gold-plated Draht: max. 2 x 0,8 mm2 wire: max. 2 x 0,8 mm2 Litzenquerschnitt max. 0,75 mm2 stranded wire: max. 0,75 mm2 EMF 4. Werkstoffe / Materials |
Similar Part No. - 41.2304-ND |
|
Similar Description - 41.2304-ND |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |