Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

41.2304-ND Datasheet(PDF) 7 Page - Schurter Inc.

Part No. 41.2304-ND
Description  Illuminated pushbutton EMF
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

41.2304-ND Datasheet(HTML) 7 Page - Schurter Inc.

  41.2304-ND Datasheet HTML 1Page - Schurter Inc. 41.2304-ND Datasheet HTML 2Page - Schurter Inc. 41.2304-ND Datasheet HTML 3Page - Schurter Inc. 41.2304-ND Datasheet HTML 4Page - Schurter Inc. 41.2304-ND Datasheet HTML 5Page - Schurter Inc. 41.2304-ND Datasheet HTML 6Page - Schurter Inc. 41.2304-ND Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
0913.4001
0913.4002
0913.4003
0913.4004
0913.4005
0925.0104
0925.0105
0925.0106
0925.0107
0925.0108
0925.0109
0925.0110
0925.0111
0925.0112
Zubehör EMS
Accessories EMS
Glühlampen T 13/4
Midget groove
Incandescent lamp
rot / red
grün / green
gelb / yellow
rot / red
grün / green
gelb / yellow
rot / red
grün / green
gelb / yellow
30 mA
30 mA
30 mA
15 mA
15 mA
15 mA
10 mA
10 mA
10 mA
250 mW
250 mW
250 mW
250 mW
250 mW
250 mW
250 mW
250 mW
250 mW
7mcd
30 mcd
22 mcd
7mcd
30 mcd
22 mcd
7mcd
30 mcd
22 mcd
6V
6V
6V
12 V
12 V
12 V
28 V
28 V
28 V
200 mA
80 mA
40 mA
25 mA
20 mA
0,4 MSCP
0,2 MSCP
0,2 MSCP
0,2 MSCP
0,3 MSCP
50.000 h
15.000 h
10.000 h
5.000 h
1.000 h
25.000 h
7.000 h
5.000 h
2.000 h
1.000 h
6,3 V
14 V
28 V
48 V
60 V
Glühlampen mit kleiner Stromaufnahme auf Anfrage.
Die Verwendung von Glühlampen > 60 V wird von verschiedenen Prüfstellen eingeschränkt.
Incandescent lamps with lower power consuption on request.
The use of incandescent lamps > 60 V is limited by different standards. Check with testing agency.
Stromaufnahme
Consumption
Helligkeit
Brightness
Lebensdauer AC
Lifetime AC
Lebensdauer DC
Lifetime DC
Spannung
Voltage
Ausführungen
Models
Artikelnummer
Part Number
Artikelnummer
Part Number
Farbe
colour
Betriebsstrom
Operating current
Verlustleistung
Power dissip.
Lichtsträrke
Lumin. intensity
Spannung
Voltage
LED T 13/4
Midget groove
Fußkontakt = +Pol
Base contact = +polarity


Similar Description - 41.2304-ND

ManufacturerPart No.DatasheetDescription
E-SWITCH
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
   ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
   ILLUMINATED PUSHBUTTON
CIT Relay & Switch
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
   Illuminated Pushbutton
Schneider Electric
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
E-SWITCH
E-SWITCH
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
   ILLUMINATED PUSHBUTTON
Schneider Electric
Schneider Electric
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST05 SCHNEIDER-XB5AWCUST05 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST09 SCHNEIDER-XB5AWCUST09 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
XB4BWCUST03 SCHNEIDER-XB4BWCUST03 Datasheet
163Kb / 1P
   ILLUMINATED PUSHBUTTON
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz