Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

41.2304-ND Datasheet(PDF) 3 Page - Schurter Inc.

Part No. 41.2304-ND
Description  Illuminated pushbutton EMF
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

41.2304-ND Datasheet(HTML) 3 Page - Schurter Inc.

  41.2304-ND Datasheet HTML 1Page - Schurter Inc. 41.2304-ND Datasheet HTML 2Page - Schurter Inc. 41.2304-ND Datasheet HTML 3Page - Schurter Inc. 41.2304-ND Datasheet HTML 4Page - Schurter Inc. 41.2304-ND Datasheet HTML 5Page - Schurter Inc. 41.2304-ND Datasheet HTML 6Page - Schurter Inc. 41.2304-ND Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
0041.2311
0041.2312
0041.2313
0041.2314
0041.2301
0041.2302
0041.2303
0041.2304
0041.2351
0041.2352
0041.2353
0041.2354
0041.2321
0041.2322
0041.2323
0041.2324
Öffner/Schließer 1-polig
NC/NO 1 pole
Öffner/Schließer 2-polig
NC/NO 2 pole
Öffner/Schließer 3-polig
NC/NO 3 pole
Öffner/Schließer 4-polig
NC/NO 4 pole
Öffner/Schließer 1-polig
NC/NO 1 pole
Öffner/Schließer 2-polig
NC/NO 2 pole
Öffner/Schließer 3-polig
NC/NO 3 pole
Öffner/Schließer 4-polig
NC/NO 4 pole
Öffner/Schließer 1-polig
NC/NO 1 pole
Öffner/Schließer 2-polig
NC/NO 2 pole
Öffner/Schließer 3-polig
NC/NO 3 pole
Öffner/Schließer 4-polig
NC/NO 4 pole
Öffner/Schließer 1-polig
NC/NO 1 pole
Öffner/Schließer 2-polig
NC/NO 2 pole
Öffner/Schließer 3-polig
NC/NO 3 pole
Öffner/Schließer 4-polig
NC/NO 4 pole
Taster
momentary action
Taster
momentary action
Schalter
latching action
Taster
momentary action
Leuchtdrucktaster EMF
Illuminated push-button EMF
Ausführungen
Models
Artikelnummer
Part Number
Rechteckig 18 x 24 mm
rectangular 18 x 24 mm
Schalter
latching action
Öffner/Schließer 1-polig
NC/NO 1 pole
Öffner/Schließer 2-polig
NC/NO 2 pole
Öffner/Schließer 3-polig
NC/NO 3 pole
Öffner/Schließer 4-polig
NC/NO 4 pole
0041.2371
0041.2372
0041.2373
0041.2374
Schalter
latching action
Öffner/Schließer 1-polig
NC/NO 1 pole
Öffner/Schließer 2-polig
NC/NO 2 pole
Öffner/Schließer 3-polig
NC/NO 3 pole
Öffner/Schließer 4-polig
NC/NO 4 pole
0041.2361
0041.2362
0041.2363
0041.2364
Quadratisch 18 x 18 mm
square 18 x 18 mm
Rund 18 mm
round 18 mm
Betätigerform
Actuator form
Typ
Type
Varianten
Variations


Similar Description - 41.2304-ND

ManufacturerPart No.DatasheetDescription
E-SWITCH
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
   ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
   ILLUMINATED PUSHBUTTON
CIT Relay & Switch
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
   Illuminated Pushbutton
Schneider Electric
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
E-SWITCH
E-SWITCH
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
   ILLUMINATED PUSHBUTTON
Schneider Electric
Schneider Electric
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST05 SCHNEIDER-XB5AWCUST05 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST09 SCHNEIDER-XB5AWCUST09 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
XB4BWCUST03 SCHNEIDER-XB4BWCUST03 Datasheet
163Kb / 1P
   ILLUMINATED PUSHBUTTON
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz