Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29LV640A Datasheet(PDF) 13 Page - Eon Silicon Solution Inc.

Part # EN29LV640A
Description  64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV640A Datasheet(HTML) 13 Page - Eon Silicon Solution Inc.

Back Button EN29LV640A Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV640A Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29LV640A Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29LV640A Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29LV640A Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29LV640A Datasheet HTML 14Page - Eon Silicon Solution Inc. EN29LV640A Datasheet HTML 15Page - Eon Silicon Solution Inc. EN29LV640A Datasheet HTML 16Page - Eon Silicon Solution Inc. EN29LV640A Datasheet HTML 17Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
13
EN29LV640A
Rev. D, Issue Date: 2011/10/26
TABLE 4. Autoselect Codes (Using High Voltage, V
B
ID
B
)
64M FLASH MANUFACTURER/DEVICE ID TABLE
64M FLASH SECURED SILICON SECTOR TABLE3
L=logic low= VIL, H=Logic High= VIH, VID = 9 ± 0.5V, X=Don’t Care (either L or H, but not floating!), SA=Sector
Addresses
Note:
1. A8 = H is recommended for Manufacturing ID check. If a manufacturing ID is read with A8=L, the chip will output
a configuration code 7Fh.
2. A9 = VID is for HV A9 Autoselect mode only. A9 must be ≤ Vcc (CMOS logic level) for Command Autoselect
Mode.
3. 64M FLASH SECURED SILICON SECTOR TABLE is valid only in Secured Silicon Sector.
4.
AC Waveform for Secured Silicon Sector Lock / Verification Operations Timings
Description
CE#
OE#
WE#
A21
to
A12
A11
to
A10
A9
P
2
P
A8
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
H
P
1
P
1Ch
Manufacturer ID:
Eon
L
L
H
X
X
V
B
IDB
L
XLXL
L
X
7Fh
Word
L
L
H
22h
C9h
Device ID
(top boot
sector)
Byte
L
L
H
X
X
V
B
IDB
XX
L
X
L
H
X
C9h
Word
L
L
H
22h
CBh
Device ID
(bottom boot
sector)
Byte
L
L
H
X
X
V
B
IDB
XX
L
X
L
H
X
CBh
X
01h
(Protected)
Sector Protection
Verification
L
L
H
SA
X
V
B
IDB
XX
L
X
H
L
X
00h
(Unprotected)
Description
CE#
OE#
WE#
A21
to
A12
A11
to
A10
A9
P
2
P
A8
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
Secured Silicon
Sector Lock
4
L
V
B
IDB
X
X
V
B
IDB
XX
L
X
H
L
X
X
X1h
(Locked)
Secured Silicon
Sector Lock Bit
Verification
(DQ0)
4
L
L
H
X
X
V
B
IDB
XX
L
X
H
L
X
X0h
(Unlocked)
Lock : 150μs
>1μs
>0.4μs
A6, A1, A0
tVIDR
tVIDR
Valid
Valid
Valid
Valid
0V
0V
VID
Vcc
Secured Silicon Sector Lock
Verify
VID


Similar Part No. - EN29LV640A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV640 EON-EN29LV640 Datasheet
423Kb / 45P
   64 Megabit (4M x 16-bit ) CMOS 3.0 Volt-only, Uniform Sector Flash Memory
EN29LV640B-70B EON-EN29LV640B-70B Datasheet
475Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640B-70BI EON-EN29LV640B-70BI Datasheet
475Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640B-70BIP EON-EN29LV640B-70BIP Datasheet
475Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640B-70BP EON-EN29LV640B-70BP Datasheet
475Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV640A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV640T EON-EN29LV640T Datasheet
475Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640 EON-EN29LV640 Datasheet
423Kb / 45P
   64 Megabit (4M x 16-bit ) CMOS 3.0 Volt-only, Uniform Sector Flash Memory
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com