Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

41.2304 Datasheet(PDF) 2 Page - Schurter Inc.

Part No. 41.2304
Description  Illuminated pushbutton EMF
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

41.2304 Datasheet(HTML) 2 Page - Schurter Inc.

  41.2304 Datasheet HTML 1Page - Schurter Inc. 41.2304 Datasheet HTML 2Page - Schurter Inc. 41.2304 Datasheet HTML 3Page - Schurter Inc. 41.2304 Datasheet HTML 4Page - Schurter Inc. 41.2304 Datasheet HTML 5Page - Schurter Inc. 41.2304 Datasheet HTML 6Page - Schurter Inc. 41.2304 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technische Daten EMF
Technical Data EMF
Lötbarkeit
IEC 68-2-20, Test Ta, Methode 2
Solderability
Lötwäremebeständigkeit
IEC 68-2-20, Test Tb, Methode 2
Soldering heat reststance
Umgebungstemperatur
Ambient temperature
Lagertemperatur / Storage temperature
Schutzklasse (IEC 529, DIN 40050)
Class of protection
350 °C, 2 s,
350 °C, 10 s,
-40 °C…+55 °C (mit Glühlampe)
(with lamp)
-40 °C…+85 °C (ohne Glühlampe)
(without lamp)
-40 °C…+85 °C
II/IEC 536
EMF
3. SonstigeKennwerte / Other data
Schaltspannung max. / Switching voltage max.
Schaltstrom max. / Switching current max.
Lebensdauer
(bei Nennleistung 0,12 W)
Lifetime
(at rated breaking capacity 0,12 W)
Durchgangswiderstand, neu
(IEC 512-2, mV-Methode)
Initial contact resistance, new
Isolationswiderstand (IEC 341-1)
Insulation resistance
Prüfspannung / Test voltage
2. Elektrische Kennwerte / Electrical data
250 V AC
250 V DC
5 A
0,2 A
5 A / 250 V AC > 5 x 104 Bet.
4 A / 250 V AC > 6 x 104 Bet.
2 A / 250 V AC > 2 x 105 Bet.
1 A / 250 V AC > 4 x 105 Bet.
< 10 mΩ
> 104 MΩ 500 V DC
> 4.000 V, 50 Hz, 1 min. zwischen Metallplatte und Anschlüssen
between housing and terminals
EMF
Schutzgrad / Degree of protection
Betätigungskraft / Actuating force
Schaltweg / Contact travel
Endanschlagfestigkeit (DIN 41640 T. 19) / End stop strength
Lebensdauer
(IEC 512-5 Test 9a, Betätigungskraft 5 N)
Lifetime
Vibrationsbeständigkeit
Vibration resistance
IP 40 / IP 67
> 1,5 N
3,2 mm
> 100 N
> 2 x 106 Betätigungen
Operations
IEC 68-2-6 Test Fc Detailangaben auf Anfrage
IEC 68-2-6 Test Fc Details on request
EMF
1. Mechanische Kennwerte / Mechanical data
Kontakmaterial
Contact material
Löt-Anschlüsse
Solder terminals
Silber / Nickel, goldplattiert
silver / nickel, gold-plated
Draht: max. 2 x 0,8 mm2
wire: max. 2 x 0,8 mm2
Litzenquerschnitt max. 0,75 mm2
stranded wire: max. 0,75 mm2
EMF
4. Werkstoffe / Materials


Similar Description - 41.2304

ManufacturerPart No.DatasheetDescription
E-SWITCH
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
   ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
   ILLUMINATED PUSHBUTTON
CIT Relay & Switch
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
   Illuminated Pushbutton
Schneider Electric
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
E-SWITCH
E-SWITCH
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
   ILLUMINATED PUSHBUTTON
Schneider Electric
Schneider Electric
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST05 SCHNEIDER-XB5AWCUST05 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST09 SCHNEIDER-XB5AWCUST09 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
XB4BWCUST03 SCHNEIDER-XB4BWCUST03 Datasheet
163Kb / 1P
   ILLUMINATED PUSHBUTTON
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz