Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29LV040A Datasheet(PDF) 23 Page - Eon Silicon Solution Inc.

Part # EN29LV040A
Description  4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV040A Datasheet(HTML) 23 Page - Eon Silicon Solution Inc.

Back Button EN29LV040A Datasheet HTML 19Page - Eon Silicon Solution Inc. EN29LV040A Datasheet HTML 20Page - Eon Silicon Solution Inc. EN29LV040A Datasheet HTML 21Page - Eon Silicon Solution Inc. EN29LV040A Datasheet HTML 22Page - Eon Silicon Solution Inc. EN29LV040A Datasheet HTML 23Page - Eon Silicon Solution Inc. EN29LV040A Datasheet HTML 24Page - Eon Silicon Solution Inc. EN29LV040A Datasheet HTML 25Page - Eon Silicon Solution Inc. EN29LV040A Datasheet HTML 26Page - Eon Silicon Solution Inc. EN29LV040A Datasheet HTML 27Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
This Data Sheet may be revised by subsequent versions
© 2003 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
23
EN29LV040A
Rev. E, Issue Date: 2011/10/27
Table 11. ERASE AND PROGRAMMING PERFORMANCE
Limits
Parameter
Typ
Max
Unit
Comments
Sector Erase Time
0.5
10
sec
Chip Erase Time
4
80
sec
Excludes 00H programming prior
to erasure
Byte Programming Time
8
300
µs
Chip Programming Time
4.2
12.6
sec
Excludes system level overhead
Erase/Program Endurance
100K
cycles
Minimum 100K cycles
Table 12. DATA RETENTION
Parameter Description
Test Conditions
Min
Unit
150°C
10
Years
Data Retention Time
125°C
20
Years
Table 13. TSOP PIN CAPACITANCE @ 25°C, 1.0MHz
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN = 0
7.5
9
pF
Table 14. 32-PIN PLCC PIN CAPACITANCE @ 25°C, 1.0MHz
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
4
6
pF
COUT
Output Capacitance
VOUT = 0
8
12
pF
CIN2
Control Pin Capacitance
VIN = 0
8
12
pF


Similar Part No. - EN29LV040A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results

Similar Description - EN29LV040A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
AMIC Technology
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040A AMICC-A29L040A Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040_11 Datasheet
350Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29LV033C AMD-AM29LV033C_06 Datasheet
1,009Kb / 49P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C AMD-AM29LV033C Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Advanced Micro Devices
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV081 AMD-AM29LV081 Datasheet
439Kb / 35P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
AMIC Technology
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com