Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN29GL256H Datasheet(PDF) 52 Page - Eon Silicon Solution Inc.

Part No. EN29GL256H
Description  256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL256H Datasheet(HTML) 52 Page - Eon Silicon Solution Inc.

Back Button EN29GL256H Datasheet HTML 48Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 49Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 50Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 51Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 52Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 53Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 54Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 55Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 56Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
52
EN29GL256H/L
Rev. G, Issue Date: 2011/01/17
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
Storage Temperature
-65 to +150
°
C
Plastic Packages
-65 to +125
°
C
Ambient Temperature
With Power Applied
-55 to +125
°
C
Output Short Circuit Current
P
1
P
200
mA
OE#, RESET#
P
P
and
WP#/ACC
P
2
P
-0.5 to + 9.5
V
All other pins
P
3
P
-0.5 to Vcc+0.5
V
Voltage with
Respect to Ground
Vcc
-0.5 to + 4.0
V
Notes:
1.
No more than one output shorted at a time. Duration of the short circuit should not be greater than one second.
2.
Minimum DC input voltage on OE#, RESET# and WP#/ACC pins is –0.5V. During voltage transitions, OE#, RESET# and
WP#/ACC pins may undershoot V
B
ssB to –1.0V for periods of up to 50ns and to –2.0V for periods of up to 20ns. See figure below.
Maximum DC input voltage on OE#, and RESET# is 8.5V which may overshoot to 9.5V for periods up to 20ns.
3.
Minimum DC voltage on input or I/O pins is –0.5 V. During voltage transitions, inputs may undershoot V
B
ssB to –1.0V for periods of
up to 50ns and to –2.0 V for periods of up to 20ns. See figure below. Maximum DC voltage on output and I/O pins is V
B
ccB + 0.5
V. During voltage transitions, outputs may overshoot to V
B
ccB + 1.5 V for periods up to 20ns. See figure below.
4.
Stresses above the values so mentioned above may cause permanent damage to the device. These values are for a stress
rating only and do not imply that the device should be operated at conditions up to or above these values. Exposure of the
device to the maximum rating values for extended periods of time may adversely affect the device reliability.
RECOMMENDED OPERATING RANGES
P
1
P
Parameter
Value
Unit
Ambient Operating Temperature
Industrial Devices
-40 to 85
°
C
Operating Supply Voltage
Vcc
Full Voltage Range:
2.7 to 3.6V
V
1.
Recommended Operating Ranges define those limits between which the functionality of the device is guaranteed.
Vcc
+1.5V
Maximum Negative Overshoot
Maximum Positive Overshoot
Waveform
Waveform


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn