Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

EN29GL256H Datasheet(PDF) 49 Page - Eon Silicon Solution Inc.

Part No. EN29GL256H
Description  256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN29GL256H Datasheet(HTML) 49 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
49
EN29GL256H/L
Rev. G, Issue Date: 2011/01/17
Figure 16. AC Waveforms for /DATA Polling During Embedded Algorithm
Operations
Notes:
1. VA=Valid Address for reading Data# Polling status data
2. This diagram shows the first status cycle after the command sequence, the last status read cycle and the array data read cycle.
Figure 17. AC Waveforms for Toggle Bit During Embedded Algorithm
Operations
tBUSY
tOEH
tDF
tOE
tCE
tCH
tACC
tRC
VA
VA
VA
tOH
Valid Data
True
Complement
Comple
-ment
Status Data
Status
Data
True
Valid Data
CE#
Addresses
OE#
WE#
DQ[7]
DQ[6:0]
RY/BY#
tCE
tOE
tCH
Valid Data
Valid Status
Valid Status
Valid Status
(first read)
(second read)
(stops toggling)
Addresses
CE#
OE#
WE#
DQ6, DQ2
RY/BY#
tRC
tACC
VA
VA
VA
VA
tOEH
tDF
tOH
tBUSY


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn