Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

EN29GL256H Datasheet(PDF) 45 Page - Eon Silicon Solution Inc.

Part No. EN29GL256H
Description  256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN29GL256H Datasheet(HTML) 45 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
45
EN29GL256H/L
Rev. G, Issue Date: 2011/01/17
AC CHARACTERISTICS
Table 20. Write (Erase/Program) Operations
Parameter
Symbols
Speed
JEDEC
Standard
Description
-90
Unit
tAVAV
tWC
Write Cycle Time
Min
90
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tWLAX
tAH
Address Hold Time
Min
45
ns
tDVWH
tDS
Data Setup Time
Min
40
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
Read
MIn
0
ns
tOEH
Output Enable
Hold Time
Toggle and
DATA#
Polling
Min
10
ns
tGHWL
tGHWL
Read Recovery Time before
Write (OE# High to WE# Low)
Min
0
ns
tELWL
tCS
CE# SetupTime
Min
0
ns
tWHEH
tCH
CE# Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
35
ns
tWHDL
tWPH
Write Pulse Width High
Min
25
ns
Write Buffer Program Operation
(Note 2, 3)
Typ
160
µs
Typ
8
µs
tWHWH1
tWHWH1
Programming Operation
(Word AND Byte Mode)
Max
200
µs
Typ
0.1
s
Sector Erase Operation
Max
2
s
tWHWH2
tWHWH2
Chip Erase Operation
Typ
60
s
tVHH
VHH Rise and Fall Time
Min
250
ns
tVCS
Vcc Setup Time
Min
50
µs
t
B
BUSY
WE# High to RY/BY# Low
Max
90
ns
tRB
Recovery Time from RY/BY#
Min
0
ns
Notes: 1. Not 100% tested.
2. See table.22 Erase and Programming Performance for more information.
3. For 1~32 words bytes programmed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn