Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

EN29GL256H Datasheet(PDF) 4 Page - Eon Silicon Solution Inc.

Part No. EN29GL256H
Description  256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN29GL256H Datasheet(HTML) 4 Page - Eon Silicon Solution Inc.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
4
EN29GL256H/L
Rev. G, Issue Date: 2011/01/17
TABLE 1. PIN DESCRIPTION
FIGURE 3. LOGIC DIAGRAM
Pin Name
Function
A23–A0
A23–A0
DQ0-DQ14
Data input/output.
DQ15 / A-1
DQ15 (data input/output, word mode),
A-1 (LSB address input, byte mode)
CE#
Chip Enable
OE#
Output Enable
RESET#
Hardware Reset Pin
RY/BY#
Ready/Busy Output
WE#
Write Enable
Vcc
Supply Voltage (2.7-3.6V)
Vss
Ground
VIO
V I/O Input.
BYTE#
Byte/Word mode selection
WP#/ACC
Write Protect / Acceleration Pin
(WP# has an internal pull-up; when
unconnected, WP# is at VIH.)
RFU
Reserved for future use.
Not Connected to anything
EN29GL256
DQ0 – DQ15
(A-1)
A0 – A23
WE#
CE#
RY/BY#
Reset#
Byte#
OE#
WP#/ACC
VIO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn