Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

EN29GL256H Datasheet(PDF) 38 Page - Eon Silicon Solution Inc.

Part No. EN29GL256H
Description  256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN29GL256H Datasheet(HTML) 38 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
38
EN29GL256H/L
Rev. G, Issue Date: 2011/01/17
Table 14. EN29GL256 Command Definitions
Bus Cycles
1
P
st
P
Cycle
2
P
nd
P
Cycle
3
P
rd
P
Cycle
4
P
th
P
Cycle
5
P
th
P
Cycle
6
P
th
P
Cycle
Command
Sequence
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Word
3
555
AA
2AA
55
555
40
Command Set
Entry
Byte
3
AAA
AA
55
55
AAA
40
Program
2
XXX
A0
XXX
Data
Read
1
00
RD
Command Set Exit
2
XXX
90
XXX
00
Word
3
555
AA
2AA
55
555
C0
PPB Command
Set Entry
Byte
3
AAA
AA
55
55
AAA
C0
PPB Program
2
XXX
A0
SA
00
All PPB Erase
2
XXX
80
00
30
PPB Status Read
1
SA
RD
PPB Command Set Exit
2
XXX
90
XXX
00
Word
3
555
AA
2AA
55
555
50
PPB Lock
Command Set
Entry
Byte
3
AAA
AA
555
55
AAA
50
PPB Lock Set
2
XXX
A0
XXX
00
PPB Lock Status Read
1
XXX
RD
PPB Lock Command Set
Exit
2
XXX
90
XXX
00
Word
3
555
AA
2AA
55
555
E0
DYB Command
Set Entry
Byte
3
AAA
AA
555
55
AAA
E0
DYB Set
2
XXX
A0
SA
00
DYB Clear
2
XXX
A0
SA
01
DYB Status Read
1
SA
RD
DYB Command Set Exit
2
XXX
90
XXX
00
Legend
X = Don’t care
RD(0) = Read data.
SA = Sector Address. Address bits Amax–A16 uniquely select any sector.
PWD = Password
PWDx = Password word0, word1, word2, and word3.
Data = Lock Register Contents: PD(0) = Secured Silicon Sector Protection Bit,
PD(1) = Persistent Protection Mode Lock Bit, PD(2) = Password Protection Mode Lock Bit.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn