Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

EN29GL256H Datasheet(PDF) 36 Page - Eon Silicon Solution Inc.

Part No. EN29GL256H
Description  256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN29GL256H Datasheet(HTML) 36 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
36
EN29GL256H/L
Rev. G, Issue Date: 2011/01/17
39h
3Ah
3Bh
3Ch
0000h
0000h
0000h
0000h
Erase Block Region 4 Information
(refer to the CFI specification of CFI publication 100)
Table 12. Primary Vendor-specific Extended Query
Addresses
(Word Mode)
Data
Description
40h
41h
42h
0050h
0052h
0049h
Query Unique ASCII string "PRI"
43h
0031h
Major version number, ASCII
44h
0034h
Minor version number, ASCII
45h
000Ch
Address Sensitive Unlock (Bits 1-0)
00 = Required, 01 = Not Required
Technology (Bits 5-2) 0001 = 0.18um, 0010 = 0.13um, 0011 = 90nm
46h
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
0001h
Sector Protect
0 = Not Supported, X = Minimum number of sectors per group
48h
0000h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
0003h
Sector Protect/Unprotect Scheme
00h = High Voltage Sector Protection
01h = High Voltage + In-System Sector Protection
02h = HV + In-System + Software Command Sector Protection
03h = Software Command Sector Protection
4Ah
0000h
Simultaneous Operation
00 = Not Supported, X = Number of Sectors
4Bh
0000h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
0002h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page
4Dh
0085h
Minimum WP#/ACC (Acceleration) Supply Voltage
00 = Not Supported, DQ7-DQ4: Volts, DQ3=DQ0: 100mV
4Eh
0095h
Maximum WP#/ACC (Acceleration) Supply Voltage
00 = Not Supported, DQ7-DQ4: Volts, DQ3=DQ0: 100mV
4Fh
00xxh
Top/Bottom Boot Sector Flag
04 = Uniform sectors bottom WP# protect
05 = Uniform sectors top WP# protect
50h
0001h
Program Suspend
00 = Not Supported, 01 = Supported
52h
0008h
Secured Silicon Sector (Customer OTP Area) Size 2
N bytes
53h
000Fh
Hardware Reset Low Time-out during an embedded algorithm to
read mode Maximum 2
N ns
54h
0009h
Hardware Reset Low Time-out not during an embedded algorithm to
read mode Maximum 2
N ns
55h
0005h
Erase Suspend Latency Maximum 2
N µs
56h
0005h
Program Suspend Latency Maximum 2
N µs
57h
0000h
Bank Organization
00 = Data at 4Ah is zero, X = Number of Banks


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn