Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29GL256H Datasheet(PDF) 33 Page - Eon Silicon Solution Inc.

Part # EN29GL256H
Description  256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL256H Datasheet(HTML) 33 Page - Eon Silicon Solution Inc.

Back Button EN29GL256H Datasheet HTML 29Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 30Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 31Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 32Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 33Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 34Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 35Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 36Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 37Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
33
EN29GL256H/L
Rev. G, Issue Date: 2011/01/17
Table 8. Secured Silicon Sector Addresses
Secured Silicon Sector Address Range
000000h-000007h
Reserve for Factory
000008h-00007Fh
Determined by customer
Customer Lockable Secured Silicon Sector
The Customer Lockable Secured Silicon Sector is always shipped unprotected (DQ0 set to “1”),
allowing customers to utilize that sector in any manner they choose. If the security feature is not
required, the Secured Silicon Sector can be treated as an additional Flash memory space.
Please note the following:
• Once the Secured Silicon Sector area is protected, the Secured Silicon Sector Indicator Bit (DQ0) is
permanently set to “0.”
• The Secured Silicon Sector can be read any number of times, but can be programmed and locked
only once. The Secured Silicon Sector lock must be used with caution as once locked, there is no
procedure available for unlocking the Secured Silicon Sector area and none of the bits in the
Secured Silicon Sector memory space can be modified in any way.
• The accelerated programming (ACC) is not available when the Secured Silicon Sector is enabled.
• Once the Secured Silicon Sector is locked and verified, the system must write the Exit Secured
Silicon Sector Region command sequence which return the device to the memory array at sector 0.
• The address 0h~7h in Secured Silicon Sector is reserved for Factory.
Secured Silicon Sector Entry/Exit Command Sequences
The system can access the Secured Silicon Sector region by issuing the three-cycle Enter Secured
Silicon Sector command sequence. The device continues to access the Secured Silicon Sector region
until the system issues the four-cycle Exit Secured Silicon Sector command sequence.
The Secured Silicon Sector Entry Command allows the following commands to be executed
• Read customer and factory Secured Silicon areas
• Program the customer Secured Silicon Sector
After the system has written the Enter Secured Silicon Sector command sequence, it may read the
Secured Silicon Sector by using the addresses normally occupied by sector SA0 within the memory
array. This mode of operation continues until the system issues the Exit Secured Silicon Sector
command sequence, or until power is removed from the device.


Similar Part No. - EN29GL256H

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL256HL EON-EN29GL256HL Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29GL256H

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL256HL EON-EN29GL256HL Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H Datasheet
746Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com