Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4862G Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TDA4862G
Description  Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4862G Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TDA4862G Datasheet HTML 1Page - Siemens Semiconductor Group TDA4862G Datasheet HTML 2Page - Siemens Semiconductor Group TDA4862G Datasheet HTML 3Page - Siemens Semiconductor Group TDA4862G Datasheet HTML 4Page - Siemens Semiconductor Group TDA4862G Datasheet HTML 5Page - Siemens Semiconductor Group TDA4862G Datasheet HTML 6Page - Siemens Semiconductor Group TDA4862G Datasheet HTML 7Page - Siemens Semiconductor Group TDA4862G Datasheet HTML 8Page - Siemens Semiconductor Group TDA4862G Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TDA 4862
Semiconductor Group
3
1998-02-16
Pin Definitions and Functions
Pin Symbol Function
1
V
SENSE
Voltage Amplifier Inverting Input;
V
SENSE is connected via a resistive divider to the boost converter output.
With a capacitor connected to
V
AOUT it forms an integrator.
2
V
AOUT
Voltage Amplifier Output;
V
AOUT is connected internally to the first multiplier input. To prevent
overshoot the input voltage will be clamped at 5 V. Input voltage less
than 2.2 V is inhibiting the gate driver. If the current flowing into this pin
is exceeding an internal defined margin the multiplier output voltage is
reduced to prevent the MOSFET from overvoltage damage.
3
MULTIN Multiplier Input;
MULTIN is the second multiplier input and connected via a resistive
divider to the rectifier output voltage.
4
I
SENSE
Current Sense Minus;
I
SENSE is connected to a sense resistor controlling the MOSFET source
current. The input is internally clamped at – 0.3 V to prevent negative
input voltage interaction. An internal low pass filter suppresses voltage
spikes when turning the MOSFET on.
5
DETIN
Zero Current Detector Input;
DETIN is connected to an auxiliary winding monitoring the zero crossing
of the inductor current.
6
GND
Ground;
All voltages are measured with respect to GND.
V
CC should be
bypassed directly to GND with a 0.1
µF or larger ceramic capacitor.
7
GTDRV
Gate Drive Output;
GTDRV is the output of a totem-pole circuitry for direct driving a
MOSFET. A clamping network bypasses low state source current and
high state sink current.
8
V
CC
Positive Supply Voltage;
V
CC should be connected to a stable source slightly above the VCC
turn-ON threshold for normal operation. A 100 nF or lager ceramic
capacitor connected to
V
CC absorbs supply current spikes required to
charge external MOSFET gate capacitances.


Similar Part No. - TDA4862G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4862G INFINEON-TDA4862G Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
More results

Similar Description - TDA4862G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
logo
Infineon Technologies A...
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com