Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN29GL064AT Datasheet(PDF) 12 Page - Eon Silicon Solution Inc.

Part No. EN29GL064AT
Description  64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN29GL064AT Datasheet(HTML) 12 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
12
EN29GL064AT/B
Rev. B, Issue Date: 2011/04/12
SA115
1101100xxx
64/32
6C0000–6CFFFF
360000–367FFF
SA116
1101101xxx
64/32
6D0000–6DFFFF
368000–36FFFF
SA117
1101110xxx
64/32
6E0000–6EFFFF
370000–377FFF
PPB 37
SA118
1101111xxx
64/32
6F0000–6FFFFF
378000–37FFFF
SA119
1110000xxx
64/32
700000–70FFFF
380000–387FFF
SA120
1110001xxx
64/32
710000–71FFFF
388000–38FFFF
SA121
1110010xxx
64/32
720000–72FFFF
390000–397FFF
PPB 38
SA122
1110011xxx
64/32
730000–73FFFF
398000–39FFFF
SA123
1110100xxx
64/32
740000–74FFFF
3A0000–3A7FFF
SA124
1110101xxx
64/32
750000–75FFFF
3A8000–3AFFFF
SA125
1110110xxx
64/32
760000–76FFFF
3B0000–3B7FFF
PPB 39
SA126
1110111xxx
64/32
770000–77FFFF
3B8000–3BFFFF
SA127
1111000xxx
64/32
780000–78FFFF
3C0000–3C7FFF
SA128
1111001xxx
64/32
790000–79FFFF
3C8000–3CFFFF
SA129
1111010xxx
64/32
7A0000–7AFFFF
3D0000–3D7FFF
PPB 40
SA130
1111011xxx
64/32
7B0000–7BFFFF
3D8000–3DFFFF
SA131
1111100xxx
64/32
7C0000–7CFFFF
3E0000–3E7FFF
SA132
1111101xxx
64/32
7D0000–7DFFFF
3E8000–3EFFFF
SA133
1111110xxx
64/32
7E0000–7EFFFF
3F0000–3F7FFF
PPB 41
SA134
1111111xxx
64/32
7F0000–7FFFFF
3F8000–3FFFFF
Table 4. Device OPERATING MODES
64M FLASH USER MODE TABLE
DQ8-DQ15
Operation
CE#
OE#
WE#
RESET
#
WP#/AC
C
A0-
A21
DQ0-
DQ7
BYTE#
= V
B
IHB
BYTE#
= V
B
ILB
Read
L
L
H
H
L/H
A
B
INB
D
B
OUTB
D
B
OUTB
Write
L
H
L
H
(Note 1)
A
B
INB
D
B
INB
D
B
INB
Accelerated
Program
L
H
L
H
V
B
HH
A
B
INB
D
B
INB
D
B
INB
DQ8-
DQ14=
High-Z,
DQ15 =
A-1
CMOS Standby
V
B
ccB
±0.3V
X
X
Vcc±0.3V
H
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
L/H
X
High-Z
High-Z
High-Z
Hardware Reset X
X
X
L
L/H
X
High-Z
High-Z
High-Z
Notes:
1. Addresses are A21:A0 in word mode; A21:A-1 in byte mode.
2. If WP# = VIL, on the outermost sector remains protected. If WP# = VIH, the outermost sector is unprotected. WP# has an
internal pull-up; when unconnected, WP# is at VIH. All sectors are unprotected when shipped from the factory (The Secured
Silicon Sector can be factory protected depending on version ordered.)
3. DIN or DOUT as required by command sequence, data polling, or sector protect algorithm.
Legend
L = Logic Low = VIL, H = Logic High = VIH, VHH = 8.5–9.5V, X = Don’t Care, AIN = Address In, DIN = Data In, DOUT = Data Out


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn