Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN29GL064AT Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part No. EN29GL064AT
Description  64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL064AT Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN29GL064AT Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
1
EN29GL064AT/B
Rev. B, Issue Date: 2011/04/12
FEATURES
• Single power supply operation
- Full voltage range: 2.7 to 3.6 volts read and
write operations
• High performance
- Access times as fast as 70 ns
• 8-word/16-byte page read buffer
• 16-word/32-byte write buffer reduces overall
programming time for multiple-word updates
• Secured Silicon Sector region
- 128-word/256-byte sector for permanent,
secure identification through an 8-word/16-
byte random Electronic Serial Number
- Can be programmed and locked at the factory
or by the customer
• Flexible Sector Architecture:
- Boot sector models:
Eight 8-Kbyte boot sectors on Top or Bottom
and one hundred twenty-seven 32Kword /
64Kbyte sectors.
• Suspend and Resume commands for
Program and Erase operations
• Write operation status bits indicate program
and erase operation completion
• Support for CFI (Common Flash Interface)
• Persistent methods of Advanced Sector
Protection
• WP#/ACC input
- Accelerates programming time (when VHH is
applied) for greater throughput during system
production
- Protects first or last sector regardless of
sector protection settings
• Hardware reset input (RESET#) resets
device
• Ready/Busy# output (RY/BY#) detects
program or erase cycle completion
• Minimum 100K program/erase endurance
cycles.
• Package Options
- 48-pin TSOP (Type 1)
- 48 ball 6mm x 8mm TFBGA
• Industrial Temperature Range.
GENERAL DESCRIPTION
The EN29GL064AT/B offers a fast page access time of 25 ns with a corresponding random access
time as fast as 70 ns. It features a Write Buffer that allows a maximum of 16 words/32 bytes to be
programmed in one operation, resulting in faster effective programming time than standard
programming algorithms. This makes the device ideal for today’s embedded applications that require
higher density, better performance and lower power consumption.
EN29GL064AT/B
64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory
Page mode Flash Memory, CMOS 3.0 Volt-only


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn