Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN29GL064AT Datasheet(PDF) 48 Page - Eon Silicon Solution Inc.

Part No. EN29GL064AT
Description  64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL064AT Datasheet(HTML) 48 Page - Eon Silicon Solution Inc.

Back Button EN29GL064AT Datasheet HTML 44Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 45Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 46Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 47Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 48Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 49Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 50Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 51Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 52Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
48
EN29GL064AT/B
Rev. B, Issue Date: 2011/04/12
AC CHARACTERISTICS
Figure 16. AC Waveforms for Chip/Sector Erase Operations Timings
Notes:
1. SA=Sector Address (for sector erase), VA=Valid Address for reading status, Dout=true data at read address.
2. Vcc shown only to illustrate tvcs measurement references. It cannot occur as shown during a valid command
sequence.
10 for chip
erase
tDH
tDS
0x55
0x30
Status
DOUT
tWHWH2
VCC
Addresses
CE#
OE#
WE#
Data
RY/BY#
tCH
tGHW
L
tCS
tWPH
tWP
tBUSY
tRB
tVCS
Erase Command Sequence (last 2 cycles)
Read Status Data (last two cycles)
tAH
tWC
0x2AA
SA
VA
VA
tAS
0x555 for chip
erase


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn