Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

EN29GL064AT Datasheet(PDF) 43 Page - Eon Silicon Solution Inc.

Part No. EN29GL064AT
Description  64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN29GL064AT Datasheet(HTML) 43 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
43
EN29GL064AT/B
Rev. B, Issue Date: 2011/04/12
AC CHARACTERISTICS
Table 18. Hardware Reset (RESET#)
Speed
Paramete
r Std
Description
Test
Setup
-70
Unit
tRP1
RESET# Pulse Width (During Embedded Algorithms)
Min
10
us
tRP2
RESET# Pulse Width (NOT During Embedded Algorithms)
Min
500
ns
tRH
Reset# High Time Before Read
Min
50
ns
tRB1
RY/BY# Recovery Time ( to CE#, OE# go low)
Min
0
ns
tRB2
RY/BY# Recovery Time ( to WE# go low)
Min
50
ns
tREADY1
Reset# Pin Low (During Embedded Algorithms)
to Read or Write
Max
20
us
tREADY2
Reset# Pin Low (NOT During Embedded Algorithms)
to Read or Write
Max
500
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn