Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN29GL064AT Datasheet(PDF) 41 Page - Eon Silicon Solution Inc.

Part No. EN29GL064AT
Description  64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL064AT Datasheet(HTML) 41 Page - Eon Silicon Solution Inc.

Back Button EN29GL064AT Datasheet HTML 37Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 38Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 39Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 40Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 41Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 42Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 43Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 44Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 45Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
41
EN29GL064AT/B
Rev. B, Issue Date: 2011/04/12
AC CHARACTERISTICS
Table 17. Read-only Operations Characteristics
Parameter
Symbols
Speed
JEDEC
Standard
Description
Test Setup
-70
Unit
tAVAV
tRC
Read Cycle Time
Min
70
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE#= VIL
Max
70
ns
tELQV
tCE
Chip Enable To Output Delay
OE#= VIL
Max
70
ns
tPACC
Page Access Time
Max
25
ns
tGLQV
tOE
Output Enable to Output Delay
Max
25
ns
tEHQZ
tDF
Chip Enable to Output High Z
Max
20
ns
tGHQZ
tDF
Output Enable to Output High Z
Max
20
ns
tAXQX
tOH
Output Hold Time from
Addresses, CE# or OE#,
whichever occurs first
Min
0
ns
Read
Min
0
ns
tOEH
Output Enable
Hold Time
Toggle and
DATA#
Polling
Min
10
ns
Notes:
High Z is Not 100% tested.
Figure 12. AC Waveforms for READ Operations
Addresses
CE#
OE#
WE#
Outputs
RESET#
RY/BY#
tACC
0V
HIGH Z
Output Valid
tCE
tOH
tDF
tOEH
HIGH Z
tBOEB
tRC
Addresses Stable


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn