Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29GL064AT Datasheet(PDF) 36 Page - Eon Silicon Solution Inc.

Part # EN29GL064AT
Description  64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL064AT Datasheet(HTML) 36 Page - Eon Silicon Solution Inc.

Back Button EN29GL064AT Datasheet HTML 32Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 33Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 34Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 35Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 36Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 37Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 38Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 39Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 40Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
36
EN29GL064AT/B
Rev. B, Issue Date: 2011/04/12
4Ch
0002h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page
4Dh
0085h
Minimum WP#/ACC (Acceleration) Supply Voltage
00 = Not Supported, DQ7-DQ4: Volts, DQ3=DQ0: 100mV
4Eh
0095h
Maximum WP#/ACC (Acceleration) Supply Voltage
00 = Not Supported, DQ7-DQ4: Volts, DQ3=DQ0: 100mV
4Fh
000xh
Top/Bottom Boot Sector Flag
02 = Bottom Boot Device, 03 = Top Boot Device
50h
0001h
Program Suspend
00 = Not Supported, 01 = Supported
52h
0008h
Secured Silicon Sector (Customer OTP Area) Size 2
N bytes
53h
000Fh
Hardware Reset Low Time-out during an embedded algorithm to
read mode Maximum 2
N ns
54h
0009h
Hardware Reset Low Time-out not during an embedded algorithm to
read mode Maximum 2
N ns
55h
0005h
Erase Suspend Latency Maximum 2
N µs
56h
0005h
Program Suspend Latency Maximum 2
N µs
57h
0000h
Bank Organization
00 = Data at 4Ah is zero, X = Number of Banks


Similar Part No. - EN29GL064AT

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29GL064AT

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H Datasheet
746Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064 EON-EN29GL064 Datasheet
3Mb / 66P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
EN29GL256HL EON-EN29GL256HL Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL256H EON-EN29GL256H Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com