Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29GL064AT Datasheet(PDF) 35 Page - Eon Silicon Solution Inc.

Part # EN29GL064AT
Description  64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL064AT Datasheet(HTML) 35 Page - Eon Silicon Solution Inc.

Back Button EN29GL064AT Datasheet HTML 31Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 32Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 33Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 34Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 35Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 36Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 37Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 38Page - Eon Silicon Solution Inc. EN29GL064AT Datasheet HTML 39Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
35
EN29GL064AT/B
Rev. B, Issue Date: 2011/04/12
Table 11. Device Geometry Definition
Addresses
(Word mode)
Data
Description
27h
0017h
Device Size = 2
N bytes. 2**23=8MB=64Mb
28h
29h
0002h
0000h
Flash Device Interface Description (refer to CFI publication 100);
01h = X16 only; 02h = x8/x16
2Ah
2Bh
0005h
0000h
Max number of byte in multi-byte write = 2
N
(00h = not supported)
2Ch
0002h
Number of Erase Block Regions within device (01h = uniform device,
02h = boot device)
2Dh
2Eh
2Fh
30h
0007h
0000h
0020h
0000h
Erase Block Region 1 Information
(refer to the CFI specification of CFI publication 100)
EN29GL064A B and T : 0007h, 0000h, 0020h, 0000h
31h
32h
33h
34h
007Eh
0000h
0000h
0001h
Erase Block Region 2 Information
(refer to the CFI specification of CFI publication 100)
EN29GL064A B and T : 007Eh, 0000h, 0000h, 0001h
35h
36h
37h
38h
0000h
0000h
0000h
0000h
Erase Block Region 3 Information
(refer to the CFI specification of CFI publication 100)
39h
3Ah
3Bh
3Ch
0000h
0000h
0000h
0000h
Erase Block Region 4 Information
(refer to the CFI specification of CFI publication 100)
Table 12. Primary Vendor-specific Extended Query
Addresses
(Word Mode)
Data
Description
40h
0050h
41h
0052h
42h
0049h
Query Unique ASCII string "PRI"
43h
0031h
Major version number, ASCII
44h
0034h
Minor version number, ASCII
45h
000Ch
Address Sensitive Unlock (Bits 1-0)
00 = Required, 01 = Not Required
Technology (Bits 5-2) 0001 = 0.18um, 0010 = 0.13um, 0011 = 90nm
46h
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
0001h
Sector Protect
0 = Not Supported, X = Minimum number of sectors per group
48h
0000h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
0003h
Sector Protect/Unprotect Scheme
00h = High Voltage Sector Protection
01h = High Voltage + In-System Sector Protection
02h = HV + In-System + Software Command Sector Protection
03h = Software Command Sector Protection
4Ah
0000h
Simultaneous Operation
00 = Not supported, X = Number of Sectors
4Bh
0000h
Burst Mode Type
00 = Not Supported, 01 = Supported


Similar Part No. - EN29GL064AT

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29GL064AT

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H Datasheet
746Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064 EON-EN29GL064 Datasheet
3Mb / 66P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
EN29GL256HL EON-EN29GL256HL Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL256H EON-EN29GL256H Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com