Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29GL064 Datasheet(PDF) 10 Page - Eon Silicon Solution Inc.

Part # EN29GL064
Description  64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL064 Datasheet(HTML) 10 Page - Eon Silicon Solution Inc.

Back Button EN29GL064 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29GL064 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29GL064 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29GL064 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29GL064 Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29GL064 Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29GL064 Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29GL064 Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29GL064 Datasheet HTML 14Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
10
EN29GL064
Rev. M, Issue Date: 2011/04/13
PPB 36
SA126
1111110
64/32
7E0000h–7EFFFFh
3F0000h–3F7FFFh
PPB 37
SA127
1111111
64/32
7F0000h–7FFFFFh
3F8000h–3FFFFFh
Table 3B. Top Boot Sector / Persistent Protection Sector Group Address Tables
(EN29GL064T)
PPB
Group
Sector
A21 – A12
Sector Size
(Kbytes / Kwords)
Address Range (h)
Byte mode (x8)
Address Range (h)
Word Mode (x16)
SA0
0000000xxx
64/32
000000–00FFFF
000000–007FFF
SA1
0000001xxx
64/32
010000–01FFFF
008000–00FFFF
SA2
0000010xxx
64/32
020000–02FFFF
010000–017FFF
PPB 0
SA3
0000011xxx
64/32
030000–03FFFF
018000–01FFFF
SA4
0000100xxx
64/32
040000–04FFFF
020000–027FFF
SA5
0000101xxx
64/32
050000–05FFFF
028000–02FFFF
SA6
0000110xxx
64/32
060000–06FFFF
030000–037FFF
PPB 1
SA7
0000111xxx
64/32
070000–07FFFF
038000–03FFFF
SA8
0001000xxx
64/32
080000–08FFFF
040000–047FFF
SA9
0001001xxx
64/32
090000–09FFFF
048000–04FFFF
SA10
0001010xxx
64/32
0A0000–0AFFFF
050000–057FFF
PPB 2
SA11
0001011xxx
64/32
0B0000–0BFFFF
058000–05FFFF
SA12
0001100xxx
64/32
0C0000–0CFFFF
060000–067FFF
SA13
0001101xxx
64/32
0D0000–0DFFFF
068000–06FFFF
SA14
0001110xxx
64/32
0E0000–0EFFFF
070000–077FFF
PPB 3
SA15
0001111xxx
64/32
0F0000–0FFFFF
078000–07FFFF
SA16
0010000xxx
64/32
100000–10FFFF
080000–087FFF
SA17
0010001xxx
64/32
110000–11FFFF
088000–08FFFF
SA18
0010010xxx
64/32
120000–12FFFF
090000–097FFF
PPB 4
SA19
0010011xxx
64/32
130000–13FFFF
098000–09FFFF
SA20
0010100xxx
64/32
140000–14FFFF
0A0000–0A7FFF
SA21
0010101xxx
64/32
150000–15FFFF
0A8000–0AFFFF
SA22
0010110xxx
64/32
160000–16FFFF
0B0000–0B7FFF
PPB 5
SA23
0010111xxx
64/32
170000–17FFFF
0B8000–0BFFFF
SA24
0011000xxx
64/32
180000–18FFFF
0C0000–0C7FFF
SA25
0011001xxx
64/32
190000–19FFFF
0C8000–0CFFFF
SA26
0011010xxx
64/32
1A0000–1AFFFF
0D0000–0D7FFF
PPB 6
SA27
0011011xxx
64/32
1B0000–1BFFFF
0D8000–0DFFFF
SA28
0011100xxx
64/32
1C0000–1CFFFF
0E0000–0E7FFF
SA29
0011101xxx
64/32
1D0000–1DFFFF
0E8000–0EFFFF
SA30
0011110xxx
64/32
1E0000–1EFFFF
0F0000–0F7FFF
PPB 7
SA31
0011111xxx
64/32
1F0000–1FFFFF
0F8000–0FFFFF
SA32
0100000xxx
64/32
200000–20FFFF
100000–107FFF
SA33
0100001xxx
64/32
210000–21FFFF
108000–10FFFF
SA34
0100010xxx
64/32
220000–22FFFF
110000–117FFF
PPB 8
SA35
0100011xxx
64/32
230000–23FFFF
118000–11FFFF
PPB 9
SA36
0100100xxx
64/32
240000–24FFFF
120000–127FFF


Similar Part No. - EN29GL064

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064 Datasheet
3Mb / 66P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory
EN29GL064AB-70BIP EON-EN29GL064AB-70BIP Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AB-70TIP EON-EN29GL064AB-70TIP Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT-70BIP EON-EN29GL064AT-70BIP Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29GL064

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H Datasheet
746Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064 EON-EN29GL064 Datasheet
3Mb / 66P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
EN29GL256HL EON-EN29GL256HL Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL256H EON-EN29GL256H Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com