Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29GL064 Datasheet(PDF) 7 Page - Eon Silicon Solution Inc.

Part # EN29GL064
Description  64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL064 Datasheet(HTML) 7 Page - Eon Silicon Solution Inc.

Back Button EN29GL064 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29GL064 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29GL064 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29GL064 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29GL064 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29GL064 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29GL064 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29GL064 Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29GL064 Datasheet HTML 11Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
7
EN29GL064
Rev. M, Issue Date: 2011/04/13
Table 3A. Uniform Sector / Persistent Protection Sector Group Address Tables
(EN29GL064H/L)
PPB
Group
Sector
A21–A15
Sector Size
(Kbytes/Kwords)
Address Range
Byte mode (x8)
Address Range
Word mode (x16)
PPB 0
SA0
0000000
64/32
000000h–00FFFFh
000000h–007FFFh
PPB 1
SA1
0000001
64/32
010000h–01FFFFh
008000h–00FFFFh
PPB 2
SA2
0000010
64/32
020000h–02FFFFh
010000h–017FFFh
PPB 3
SA3
0000011
64/32
030000h–03FFFFh
018000h–01FFFFh
SA4
0000100
64/32
040000h–04FFFFh
020000h–027FFFh
SA5
0000101
64/32
050000h–05FFFFh
028000h–02FFFFh
SA6
0000110
64/32
060000h–06FFFFh
030000h–037FFFh
PPB 4
SA7
0000111
64/32
070000h–07FFFFh
038000h–03FFFFh
SA8
0001000
64/32
080000h–08FFFFh
040000h–047FFFh
SA9
0001001
64/32
090000h–09FFFFh
048000h–04FFFFh
SA10
0001010
64/32
0A0000h–0AFFFFh
050000h–057FFFh
PPB 5
SA11
0001011
64/32
0B0000h–0BFFFFh
058000h–05FFFFh
SA12
0001100
64/32
0C0000h–0CFFFFh
060000h–067FFFh
SA13
0001101
64/32
0D0000h–0DFFFFh
068000h–06FFFFh
SA14
0001110
64/32
0E0000h–0EFFFFh
070000h–077FFFh
PPB 6
SA15
0001111
64/32
0F0000h–0FFFFFh
078000h–07FFFFh
SA16
0010000
64/32
100000h–10FFFFh
080000h–087FFFh
SA17
0010001
64/32
110000h–11FFFFh
088000h–08FFFFh
SA18
0010010
64/32
120000h–12FFFFh
090000h–097FFFh
PPB 7
SA19
0010011
64/32
130000h–13FFFFh
098000h–09FFFFh
SA20
0010100
64/32
140000h–14FFFFh
0A0000h–0A7FFFh
SA21
0010101
64/32
150000h–15FFFFh
0A8000h–0AFFFFh
SA22
0010110
64/32
160000h–16FFFFh
0B0000h–0B7FFFh
PPB 8
SA23
0010111
64/32
170000h–17FFFFh
0B8000h–0BFFFFh
SA24
0011000
64/32
180000h–18FFFFh
0C0000h–0C7FFFh
SA25
0011001
64/32
190000h–19FFFFh
0C8000h–0CFFFFh
SA26
0011010
64/32
1A0000h–1AFFFFh
0D0000h–0D7FFFh
PPB 9
SA27
0011011
64/32
1B0000h–1BFFFFh
0D8000h–0DFFFFh
SA28
0011100
64/32
1C0000h–1CFFFFh
0E0000h–0E7FFFh
SA29
0011101
64/32
1D0000h–1DFFFFh
0E8000h–0EFFFFh
SA30
0011110
64/32
1E0000h–1EFFFFh
0F0000h–0F7FFFh
PPB 10
SA31
0011111
64/32
1F0000h–1FFFFFh
0F8000h–0FFFFFh
SA32
0100000
64/32
200000h–20FFFFh
100000h–107FFFh
SA33
0100001
64/32
210000h–21FFFFh
108000h–10FFFFh
SA34
0100010
64/32
220000h–22FFFFh
110000h–117FFFh
PPB 11
SA35
0100011
64/32
230000h–23FFFFh
118000h–11FFFFh
SA36
0100100
64/32
240000h–24FFFFh
120000h–127FFFh
SA37
0100101
64/32
250000h–25FFFFh
128000h–12FFFFh
SA38
0100110
64/32
260000h–26FFFFh
130000h–137FFFh
PPB 12
SA39
0100111
64/32
270000h–27FFFFh
138000h–13FFFFh


Similar Part No. - EN29GL064

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064 Datasheet
3Mb / 66P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory
EN29GL064AB-70BIP EON-EN29GL064AB-70BIP Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AB-70TIP EON-EN29GL064AB-70TIP Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT-70BIP EON-EN29GL064AT-70BIP Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29GL064

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H Datasheet
746Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064 EON-EN29GL064 Datasheet
3Mb / 66P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
EN29GL256HL EON-EN29GL256HL Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL256H EON-EN29GL256H Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com